Electronic Components Datasheet Search
  English  ▼

X  

EM5209 Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM5209
Description  Dual Channel, Ultra-Low Resistance Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5209 Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM5209 Datasheet HTML 1Page - Excelliance MOS Corp. EM5209 Datasheet HTML 2Page - Excelliance MOS Corp. EM5209 Datasheet HTML 3Page - Excelliance MOS Corp. EM5209 Datasheet HTML 4Page - Excelliance MOS Corp. EM5209 Datasheet HTML 5Page - Excelliance MOS Corp. EM5209 Datasheet HTML 6Page - Excelliance MOS Corp. EM5209 Datasheet HTML 7Page - Excelliance MOS Corp. EM5209 Datasheet HTML 8Page - Excelliance MOS Corp. EM5209 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2014/02/24
A.3
3
EM5209
Absolute Maximum Ratings (Note1)
VIN1,2 -------------------------------------------------------------------------------------------------- -0.3V to +6.0V
VOUT1,2 ------------------------------------------------------------------------------------------------ -0.3V to +6.0V
VON1,2 -------------------------------------------------------------------------------------------------
-0.3V to +6.0V
Power Dissipation, PD @ TA = 25°C, DFN3X2 ----------------------------------------------------------
1.53W
Package Thermal Resistance, ΘJA, DFN3X2 (Note 2)----------------------------------------------
65°C/W
Junction Temperature------------------------------------------------------------------------------------------
150°C
Lead Temperature (Soldering, 10 sec.)--------------------------------------------------------------------
260°C
Storage Temperature ----------------------------------------------------------------------------
−
65°C to 150°C
ESD susceptibility (Note3)
HBM (Human Body Mode)-----------------------------------------------------------------------------------
2KV
MM (Machine Mode)-----------------------------------------------------------------------------------------
200V
Recommended Operating Conditions (Note4)
Bias Voltage, VBIAS ------------------------------------------------------------------------------ +2.5V to +5.5V
Supply Input Voltage, VIN1,2 ----------------------------------------------------------------------- +0.8V to VBIAS
ON Voltage, VON1,2 ------------------------------------------------------------------------
+0V to VIN
Junction Temperature ----------------------------------------------------------------------------- −40°C to 125°C
Ambient Temperature ------------------------------------------------------------------------------- −40°C to 85°C
Electrical Characteristics
VBIAS= 5V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Power Supplies and Currents Section
VBIAS Quiescent current
(both channels)
IBIAS-ON-both
IOUT1 = IOUT2 = 0,
VIN1,2 = VON1,2 = VBIAS = 5V
75
100
uA
VBIAS Quiescent current
(single channel)
IBIAS-ON-single
IOUT1 = IOUT2 = 0, VON2 = 0V
VIN1,2 = VON1 = VBIAS = 5V
60
uA
VBIAS Shutdown current
IBIAS-OFF
VOUT1,2 = 0V, VON1,2 = 0V
VIN1,2 = VBIAS = 5V
2
uA
VIN1,2 Off state supply
current (per channel)
IVIN-OFF
VOUT1,2 = 0V,
VON1,2 = 0V
VIN1,2 = 5.0V
2
uA
VIN1,2 = 3.3V
2
VIN1,2 = 1.8V
2
VIN1,2 = 0.8V
1
ON pin leakage current
ION
VON = 5.5V
1
uA
Resistance Section
ON-state Resistance
RON
IOUT=200mA,
VBAIS = 5.0V
VIN = 5.0V
20
25
mΩ
VIN = 3.3V
20
25
VIN = 1.8V
20
25
VIN = 1.5V
20
25
VIN = 1.2V
20
25
VIN = 0.8V
20
25
Output Pull-down
Resistance
RPD
VIN = 5.0V, VON = 0V, IOUT = 15mA
220
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com