Electronic Components Datasheet Search
  English  ▼

X  

EM7101 Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM7101
Description  Integrated LED current balance control circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM7101 Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM7101 Datasheet HTML 1Page - Excelliance MOS Corp. EM7101 Datasheet HTML 2Page - Excelliance MOS Corp. EM7101 Datasheet HTML 3Page - Excelliance MOS Corp. EM7101 Datasheet HTML 4Page - Excelliance MOS Corp. EM7101 Datasheet HTML 5Page - Excelliance MOS Corp. EM7101 Datasheet HTML 6Page - Excelliance MOS Corp. EM7101 Datasheet HTML 7Page - Excelliance MOS Corp. EM7101 Datasheet HTML 8Page - Excelliance MOS Corp. EM7101 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2010/9/20
p.2
EM7101
PIN DESCRIPTION
Note(1): I=Input, O=Output, I/O=Input/Output
Names
Pin No
24QFN
Pin No
24E-TSSOP
Pin No
24-SOP
I/O(1)
Description
ISEN4
1
5
5
I/O
LED Current Sense 4
GND
2
6
6
---
Signal Ground
ISEN5
3
10
15
I/O
LED Current Sense 5
ISEN6
4
7
8
I/O
LED Current Sense 6
ISEN7
5
8
9
I/O
LED Current Sense 7
ISEN8
6
9
7
I/O
LED Current Sense 8
OVP
7
11
10
I
Over-Voltage Protection
ISET
8
12
11
I/O
LED Current Resistor Setting
RT
9
13
12
I/O
Operation Frequency Resistor
Setting
EN
10
14
13
I
Enable, on/ff control
CS
11
15
14
I/O
Power MOSFET Current Sense
NC
12
23
23
---
No connection
GATE
13
16
16
I/O
Low Side Power MOSFET Driver
VREF
14
17
17
I/O
5V Regulator Supply For Low
Voltage Blocks
PGND
15
18
18
---
Power Ground
VIN
16
19
19
---
IC Power Supply
SEL
17
20
20
I
Selection Setting To Set 2, 3 or 4
LED Channels
COMP
18
21
21
I/O
Multi-Chip Parallel Operation
SS/CMP
19
22
22
I/O
Soft Start and Control Loop
Compensation
STATUS
20
24
24
O
LED Operation Status Output
PWM
21
1
1
I
PWM Dimming Input
ISEN1
22
2
2
I/O
LED Current Sense 1
ISEN2
23
3
3
I/O
LED Current Sense 2
ISEN3
24
4
4
I/O
LED Current Sense 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com