Electronic Components Datasheet Search
  English  ▼

X  

EM7101 Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM7101
Description  Integrated LED current balance control circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM7101 Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM7101 Datasheet HTML 1Page - Excelliance MOS Corp. EM7101 Datasheet HTML 2Page - Excelliance MOS Corp. EM7101 Datasheet HTML 3Page - Excelliance MOS Corp. EM7101 Datasheet HTML 4Page - Excelliance MOS Corp. EM7101 Datasheet HTML 5Page - Excelliance MOS Corp. EM7101 Datasheet HTML 6Page - Excelliance MOS Corp. EM7101 Datasheet HTML 7Page - Excelliance MOS Corp. EM7101 Datasheet HTML 8Page - Excelliance MOS Corp. EM7101 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2010/9/20
p.3
EM7101
ABSOLUTE MAXIMUM RATINGS
LED Operation Status Output
40.0V
GND,PGND
±0.3V
ISEN1/2/3/4/5/6/7/8, CS, EN
-0.3V to 40.0V
VREF, STATUS, OVP, PWM
-0.3V to 7.0V
ISET, SS/CMP, COMP, RT, SEL, GATE
-0.3V to(vref +0.3V)
Operating Frequency
200KHz to 2.5MHz
ISEN1-8 LED Current
80mA
Storage Temperature
-55°C to 150°C
Operating Junction Temperature
150°C
RECOMMENDED OPERATING RANGE
VIN – Input Voltage
4.5V-33V
Maximum Operating Junction Temp.
125°C
ISEN1/2/3/4/5/6/7/8, CS, EN
33V
≦
VREF, STATUS, OVP, PWM
0.0V to5.5V
ISET, SS/CMP, COMP, RT, SEL,GATE
0.0V to VREF
Operating Frequency
500kHz - 2MHz
ISEN1-8 LED Current
10mA – 65mA
PWM Frequency
100Hz – 20kHz
RRT
21K ohm to 100K ohm
Operating Temperature
-20°Cto+85°C
Thermal Impedance
(2)
θJ-C
θJ-A
24 pin QFN
(3,4)
5°C/W
38°C/W
24 pin E-TSSOP
(5,6)
15°C/W
38°C/W
24 pin SOP
13°C/W
86°C/W
Note (2): Still air, low effective thermal conductivity board per JESD51-3.
Note (3): QFN bottom pad is recommended to be connected to ground.
Note (4): QFN θJ-A under 50% and 0% bottom pad soldered condition is 43°C/W and 72°C/W respectively. The data
was based on simulation results using a 4 Layer, 76.2 x 114.3 mm
2 Printed Circuit Board (PCB).
Note (5): E-TSSOP bottom pad is recommended to be connected to ground.
Note (6): E-TSSOP θJ-A under 50% and 0% bottom pad soldered condition is 43°C/W and 72°C/W respectively. The
data was based on simulation results using a 4 Layer, 76.2 x 114.3 mm
2 Printed Circuit Board (PCB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com