Electronic Components Datasheet Search
  English  ▼

X  

EM8635 Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EM8635
Description  Green mode PWM Flyback Controller with Brown-Out Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8635 Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EM8635 Datasheet HTML 1Page - Excelliance MOS Corp. EM8635 Datasheet HTML 2Page - Excelliance MOS Corp. EM8635 Datasheet HTML 3Page - Excelliance MOS Corp. EM8635 Datasheet HTML 4Page - Excelliance MOS Corp. EM8635 Datasheet HTML 5Page - Excelliance MOS Corp. EM8635 Datasheet HTML 6Page - Excelliance MOS Corp. EM8635 Datasheet HTML 7Page - Excelliance MOS Corp. EM8635 Datasheet HTML 8Page - Excelliance MOS Corp. EM8635 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2013/05/13
A.1
5
EM8635
Electrical Characteristics
(VDD=15V, TA=25℃, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VDD Section
VDD OVP Protect voltage
VOVP
25
26
27
V
Start up current
ISTART1
VDD=7V
-
1
2
uA
ISTART2
VDD=VTH-ON-0.5V
-
6
15
uA
VDD On Threshold Voltage
VTH-ON
13.5
15
16.5
V
VDD Off Threshold Voltage
VTH-OFF
7.5
8.5
9.5
V
Operating Supply Current 1
IDD-OP1
VDD=15V, VCOMP=0V,
-
2
3
mA
Operating Supply Current 2
IDD-OP2
VDD=15V, VCOMP=3V,
CGATE=1nF
-
2.5
-
mA
Operating Supply Current 3
IDD-OP3
VDD=15V,
Protection triggerred
-
0.4
-
mA
Gate Section
Rising Time
TR
CL = 1nF
-
150
200
nS
Falling Time
TF
CL = 1nF
-
30
100
nS
Current-Sense Section
Maximum Internal Current
Setpoint
VCSLim
VBNO=1V
0.8
0.85
0.9
V
VBNO=3V
0.65
0.7
0.75
V
Leading Edge Blanking Time
TLEB
200
300
400
nS
Propagation Delay Time
TPD
100
nS
Soft-Start Period
TSS
2
mS
Internal Oscillator
Oscillation Frequency
fOSC
60
65
70
KHz
Maximum Duty
Dmax
VCOMP=3V, VCS=0V
70
75
80
%
Green mode minimum frequency
22
KHz
Frequency jittering
fjitter
±6
%
Frequency variation vs. VDD
VDD=11V to 25V
5
%
Frequency variation vs.
Temperature
-20
℃ to 105℃(Note4)
3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com