| Electronic Components Datasheet Search |
|
EM8635 Datasheet(PDF) 1 Page - Excelliance MOS Corp. |
|
|
|||||||||||||||||||||||||||||
EM8635 Datasheet(HTML) 1 Page - Excelliance MOS Corp. |
|
1 / 13 page ![]() 2013/05/13 A.1 1 EM8635 Green mode PWM Flyback Controller with Brown-Out Protection General Description EM8635 is a high performance, low startup current, low cost, current mode PWM controller with green mode power saving. The EM8635 integrates functions of Soft Start(SS), Under Voltage Lockout(UVLO), Leading Edge Blanking(LEB), internal Over Temperature Protection(OTP), internal slope compensation. The EM8635 also features more protection like Over Load Protection(OLP), Brown-out Protection(BNO) and Over Voltage Protection(OVP) to prevent circuit damage occurred under abnormal conditions. The EM8635 provides the users a superior AC/DC power application of high efficiency, excellent EMI performance, low external component counts and lower cost solution. Ordering Information Part Number Package Remark EM8635J SOT-23-6 Features Ultra Low Start Up Current (6uA) Current Mode Control Soft Start Function Built-in Slope Compensation Internal Leading-edge Blanking Over Voltage Protection (OVP) on VDD pin Over Load Protection (OLP) Cycle-by-cycle Current Limit Feedback Open Protection Brown-out Protection Internal Over Temperature Protection (OTP) Constant Output Power Limit (Full AC Input Range) Internal Frequency Jittering for Excellent EMI performance Applications Switching AC/DC Adaptor and charger Open-Frame SMPS Typical Application Circuit EM8635 AC INPUT BNO COMP GND CS GATE VDD EMI Filter + DC OUTPUT |
Similar Part No. - EM8635 |
|
Similar Description - EM8635 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |