Electronic Components Datasheet Search
  English  ▼

X  

EM8636 Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM8636
Description  Green mode PWM with External Over Temperature Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8636 Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM8636 Datasheet HTML 1Page - Excelliance MOS Corp. EM8636 Datasheet HTML 2Page - Excelliance MOS Corp. EM8636 Datasheet HTML 3Page - Excelliance MOS Corp. EM8636 Datasheet HTML 4Page - Excelliance MOS Corp. EM8636 Datasheet HTML 5Page - Excelliance MOS Corp. EM8636 Datasheet HTML 6Page - Excelliance MOS Corp. EM8636 Datasheet HTML 7Page - Excelliance MOS Corp. EM8636 Datasheet HTML 8Page - Excelliance MOS Corp. EM8636 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2014/3/21
A.1
2
EM8636
Protection Mode
VDD OVP
OLP
Latch Pin
Auto-Recovery
Auto-Recovery
Latch
Pin Configuration
Pin Assignment
Pin Name
Pin Number
Pin Function
SOT-23-6
GND
1
Ground.
COMP
2
Voltage feedback pin. By connecting a photo-coupler to close the control loop and
achieve the regulation.
LATCH
3
This pin provides an internal sourcing current of 100uA, used for external latch
circuit. When this pin < 1.1V and after 160uS, IC is latch off. By connecting a NTC
resistor to GND, it can achieve the OTP protection function. Keep this pin floating
to disable the latch protection.
CS
4
Senses the primary current.
VDD
5
IC Power Supply Pin.
GATE
6
Gate drive output to drive the external MOSFET.
SOT-23-6
TOP VIEW
GND
COMP LATCH
CS
VDD
GATE
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com