Electronic Components Datasheet Search
  English  ▼

X  

EM8636 Datasheet(PDF) 10 Page - Excelliance MOS Corp.

Part # EM8636
Description  Green mode PWM with External Over Temperature Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8636 Datasheet(HTML) 10 Page - Excelliance MOS Corp.

Back Button EM8636 Datasheet HTML 4Page - Excelliance MOS Corp. EM8636 Datasheet HTML 5Page - Excelliance MOS Corp. EM8636 Datasheet HTML 6Page - Excelliance MOS Corp. EM8636 Datasheet HTML 7Page - Excelliance MOS Corp. EM8636 Datasheet HTML 8Page - Excelliance MOS Corp. EM8636 Datasheet HTML 9Page - Excelliance MOS Corp. EM8636 Datasheet HTML 10Page - Excelliance MOS Corp. EM8636 Datasheet HTML 11Page - Excelliance MOS Corp. EM8636 Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2014/3/21
A.1
10
EM8636
Soft Start
The EM8636 has an internal soft-start circuit that
increases cycle-by-cycle current limit comparator
inverting input voltage slowly after it starts. The
typical soft-start time is 2mS. The pulse width to
the power MOSFET is progressively increased to
establish
the correct
working conditions for
transformers, rectifier diodes and capacitors. The
voltage on the output capacitors is progressively
increased
with
the
intention
of
smoothly
establishing the required output voltage. It also
helps prevent transformer saturation and reduces
the stress on the secondary diode during startup.
Slope compensation
In the conventional application, the problem of the
stability is a critical issue for current mode
controlling, when it operates in high than 50% of
the duty cycle. The EM8636 built in saw-tooth
slope compensation. So it requires no extra
component.
Burst Mode Operation
At no load or light load condition, majority of the
power dissipation in switching power supply is
form switching loss on the power MOSFET, the
core loss of the transformer and the loss on the
snubber. The magnitude of power loss is in
proportion to the number of switching events
within a fixed period of time. Reducing switching
events leads reduction on the power loss and
conserves the energy.
The EM8636 adjusts the switching mode according
to the load condition, the COMP pin voltage drops
below burst mode threshold level. Device enters
Burst Mode Control. The Gate drive output remains
at off state to minimize the switching loss and
reduces the standby power consumption.
Protection
The EM8636 provides many protection functions
that intend to protect system from being damaged.
All the protection functions are listed as below:
Cycle-by-cycle current limit
The
EM8636
has
over-current
protection
thresholds (0.85V). It is for cycle-by-cycle
current limit, which turns off MOSFET for the
remainder of the switching cycle when the
sensing voltage of MOSFET current reaches the
threshold.
Over-load / Open-loop Protection (OLP)
When feedback loop is open, as shown in Fig. 15,
no current flows through the photo-coupler
transistor, the EM8636 pulls up the COMP pin
voltage to 5.2V.
When the COMP pin voltage is above 4.2V
longer than 56mS, OLP is triggered. This
protection is also triggered when the SMPS
output drops below the normal value longer
than 56mS due to the overload condition.
Fig. 15
VCOMP
t
5.2V
4.2V
56mS
OLP triggers
Vout
PWM
comparator
COMP
VBias
2R
R
+
-
+
-
4.2V
56mS
OLP
Feedback
open loop
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com