Electronic Components Datasheet Search
  English  ▼

X  

EM8931 Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM8931
Description  Cost Effective PWM Forward Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8931 Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM8931 Datasheet HTML 1Page - Excelliance MOS Corp. EM8931 Datasheet HTML 2Page - Excelliance MOS Corp. EM8931 Datasheet HTML 3Page - Excelliance MOS Corp. EM8931 Datasheet HTML 4Page - Excelliance MOS Corp. EM8931 Datasheet HTML 5Page - Excelliance MOS Corp. EM8931 Datasheet HTML 6Page - Excelliance MOS Corp. EM8931 Datasheet HTML 7Page - Excelliance MOS Corp. EM8931 Datasheet HTML 8Page - Excelliance MOS Corp. EM8931 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2012/4/13
Rev.A.1
2
EM8931
Pin Configuration
Pin Assignment
Pin Name
Pin Number
Pin Function
SOT236
DIP8
GND
1
8
Ground.
COMP
2
7
Voltage feedback pin, By connecting a photo-coupler to close the control loop and
achieve the regulation.
RT
3
5
Set the switching frequency by connecting a resistor to GND.
CS
4
4
Senses the primary current.
VDD
5
2
IC Power Supply Pin.
GATE
6
1
Gate drive output to drive the external MOSFET.
NC
--
3 & 6
No Internal Connection.
Function Block Diagram
LEB
Soft
Driver
GATE
CS
COMP
RT
VDD
G D
R
S
Q
OTP
OLP
Slope
Comp
+
-
PWM
comparator
OCP
Shutdown
Logic
Oscillator
28V
15V / 9.8V
UVLO
OVP
Vbias
Max duty 50%
2R
R
Soft start
+
-
OCP
comparator
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com