Electronic Components Datasheet Search
  English  ▼

X  

EM8931 Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM8931
Description  Cost Effective PWM Forward Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8931 Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM8931 Datasheet HTML 1Page - Excelliance MOS Corp. EM8931 Datasheet HTML 2Page - Excelliance MOS Corp. EM8931 Datasheet HTML 3Page - Excelliance MOS Corp. EM8931 Datasheet HTML 4Page - Excelliance MOS Corp. EM8931 Datasheet HTML 5Page - Excelliance MOS Corp. EM8931 Datasheet HTML 6Page - Excelliance MOS Corp. EM8931 Datasheet HTML 7Page - Excelliance MOS Corp. EM8931 Datasheet HTML 8Page - Excelliance MOS Corp. EM8931 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2012/4/13
Rev.A.1
3
EM8931
Absolute Maximum Ratings (Note1)
Supply Input Voltage, VDD ----------------------------------------------------------------------- 30V
Gate pin------------------------------------------------------------------------------------------------ 30V
RT, COMP, CS Pin ----------------------------------------------------------------------------------- - 0.3V to 6.5V
Power Dissipation, PD @ TA = 25
℃
SOT-23-6 ---------------------------------------------------------------------------------------------- 0.4W
DIP-8 ---------------------------------------------------------------------------------------------------- 0.714W
Package Thermal Resistance (Note2)
SOT-23-6, --------------------------------------------------------------------------------------------- 250
/W
℃
DIP-8, --------------------------------------------------------------------------------------------------- 140
/W
℃
Junction Temperature ----------------------------------------------------------------------------- 150
℃
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------- 260
℃
Storage Temperature Range ------------------------------------------------------------------
- 65
to 150
℃
℃
ESD Susceptibility
(Note3)
HBM (Human Body Mode) ------------------------------------------------------------------------ 3KV
MM (Machine Mode) -------------------------------------------------------------------------------- 300V
Gate Output Current---------------------------------------------------------------------------------- 300mA
Recommended Operating Conditions
(Note4)
Supply Input Voltage, VDD -----------------------------------------------------------------------
11V to 26V
Operating Frequency ------------------------------------------------------------------------------
50k to 130kHz
Junction Temperature Range--------------------------------------------------------------------- -40
℃ to 125℃
Ambient Temperature Range--------------------------------------------------------------------
0
℃ to 85℃
Electrical Characteristics
(VDD=15V, RRT=100K ohm, TA=25℃, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VDD Section
VDD OVP Protect voltage
VOVP
26.5
28
29.6
V
Start up current
ISTART1
VDD=7V
-
1
2
uA
ISTART2
VDD=15V
-
6
12
uA
VDD On Threshold Voltage
VTH-ON
13.5
15
16.5
V
VDD Off Threshold Voltage
VTH-OFF
8.8
9.8
10.8
V
Operating Supply Current 1
IDD-OP1
VDD=15V, VCOMP=0V,
-
2
3
mA
Operating Supply Current 2
IDD-OP2
VDD=15V, VCOMP=3V,
CGATE=1nF
-
2.5
-
mA
Operating Supply Current 3
IDD-OP3
VDD=15V,
Protection triggerred
-
0.4
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com