Electronic Components Datasheet Search
  English  ▼

X  

EMA09N03CS Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EMA09N03CS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMA09N03CS Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EMA09N03CS Datasheet HTML 1Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 2Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 3Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 4Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
2013/8/22 
p.3 
EMA09N03CS
 
A09
N03
ABCDEFG
E2
E
A
C
B2
P
A1
B
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%. 
2Independent of operating temperature. 
3Pulse width limited by maximum junction temperature. 
Ordering & Marking Information: 
Device Name: EMA09N03CS for IPAK (TO‐251)
 
 
 
 
 
 
 
 
 
 
Outline Drawing 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Dimension in mm
 
Dimension 
A 
A1 
B 
B2 
C 
D 
D2 
D3 
E 
E2 
H 
L 
L1 
P 
Min. 
2.10 
0.90 
0.40 
0.60 
0.40
5.30
6.70
3.40
6.30
4.80
10.2 
0.89 
0.90 
2.10
Max. 
2.50 
1.50 
0.90 
1.15 
0.60
6.25
7.30
4.30
6.80
5.50
11.5 
1.40 
1.80 
2.50
 
 
ABCDEFG: Date Code 
A09N03: Device Name 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com