Electronic Components Datasheet Search
  English  ▼

X  

EMA09N03CS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMA09N03CS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMA09N03CS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMA09N03CS Datasheet HTML 1Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 2Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 3Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 4Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2013/8/22 
p.4 
EMA09N03CS
0
V   ,GATE‐SOURCE VOLTAGE (V )
0
1
10
2
GS
DS
V   = 10V
20
40
50
30
34
5
A
TRANSFER CHARACTERISTICS
T   = ‐55 °C
25 °C
125 °C
BODY DIODE FORWARD VOLTAGE VARIATION
WITH SOURCE CURRENT AND TEMPERATURE
V   ,BODY DIODE FORWARD VOLTAGE( V )
0.8
0.0001
0
0.001
0.01
0.2
SD
0.4
0.6
V   = 0V
1
0.1
10
60
GS
A
1.4
1.0
1.2
25°C
‐55°C
T  = 125°C
ON‐RESISTANCE VARIATION WITH GATE‐SOURCE VOLTAGE
V   ,GATE‐SOURCE VOLTAGE (V )
6
0
2
0.010
0.015
GS
4
I   = 25A
D
0.020
0.025
0.030
8
T   = 125 C
T   = 25 C
A
A
°
°
10
50
ON‐ RESISTANCE VARIATION WITH TEMPERATURE 
0.6
‐50
0.8
1.0
j
‐25
0
25
I   = 25A
V   = 10V
1.4
1.2
1.6
1.8
GS
D
150
100
75
125
T ,JUNCTION TEMPERATURE(°C )
I   ,DRAIN CURRENT( A ) 
ON‐ RESISTANCE VARIATION WITH DRAIN CURRENT AND GATE VOLTAGE
0.5
0
1
1.5
20
D
40
GS
V   = 5V
2
2.5
3
60
80
100
10V
8V
7V
6V
V   ,DRAIN‐ SOURCE VOLTAGE ( V )
ON‐REGION CHARACTERISTIC
40
0.5
0
0
20
1.5
DS
12
8V
80
60
100
7V
2.5
3
3.5
4
4.5
5
5V
6V
V   = 10V
GS
 
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com