Electronic Components Datasheet Search
  English  ▼

X  

24LC64 Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 24LC64
Description  CMOS Serial EFPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24LC64 Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button 24LC64 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
24AA64/24LC64
www.artschip.com
7
6.0
WRITE OPERATIONS
6.1
Byte Write
Following the start condition from the master, the control code
(four bits), the chip select (three bits),and the
bit (Which
is a logic low) are clocked onto the bus by the master transmitter.
This indicates to the addressed slave receiver that address high
byte will follow after it has generated an acknowledge bit during
the ninth clock cycle. Therefore, the next byte transmitted by the
master is the high-order byte of the word address and will be
written into the address pointer of the 24xx64. The next byte is
the least significant address byte. After receiving another
acknowledge signal from the 24xx64 the master device will
transmit the data word to be written into the addressed memory
location. The 24xx64 acknowledges again and the master
generates a stop condition. This initiates the internal write cycle,
and during this time the 24xx64 will not generate acknowledge
signals (Figure 6-1). If an attempt is made to write to the array
with the WP pin held high, the device will immediately accept a
new command. After a byte write command, the internal address
counter will point to the address location following the one that
was just written.
6.2
Page Write
The write control byte, word address and the first data byte are
transmitted to the 24xx64 in the same way as in a byte write. But
instead of generating a stop condition, the master transmits up
to 31 additional bytes which are temporarily stored in the on-chip
page buffer and will be written into memory after the master has
transmitted a stop condition. After receipt of each word, the five
lower address pointer bits are internally incremented by one. If
the master should transmit more than 32 bytes prior to
generating the stop condition, the address counter will roll over
and the previously received data will be overwritten. As with the
byte write operation, once the stop condition is received, an
internal write cycle will begin (Figure 6-2). If an attempt is made
to write to the array with the WP pin held high, the device will
acknowledge the command but no write cycle will occur, no data
will be written and the device will immediately accept a now
command.
6.3
Write Protection
The WP pin allows the user to write protect the entire array
(0000-1FFF) when the pin is tied to Vcc. If tied to Vss or left
floating, the write protection is disabled. The WP pin is sampled
at the STOP bit for every write command (Figure 1-1) Toggling
the WP pin after the STOP bit will have no effect on the
execution of the write cycle.
FIGURE 6-1: BYTE WRITE
FIGURE 6-2:
PAGE WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com