Electronic Components Datasheet Search
  English  ▼

X  

24LC64 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 24LC64
Description  CMOS Serial EFPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24LC64 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  24LC64 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC64 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
24AA64/24LC64
www.artschip.com
1
64KI
2CTM CMOS Serial EFPROM
DEVICE SELECTION TABLE
Part
Number
Vcc
Range
Max Clock
Frequency
Temp
Ranges
24AA64
1.8-5.5V
400 kHz
†
I
24LC64
2.5-5.5V
400 kHz
I,E
†100kHz for VCC<2.5V.
100kHz for E temperature range.
FEATURES
Low power CMOS technology
-Maximum write current 3 mA at 5.5V
-Maximum read current 400µA at 5.5V
-Standby current 100nA typical at 5.5V
2-wire serial interface bus, I
2C compatible
Cascadable for up to eight devices
Self-timed ERASE/WRITE cycle
32-byte page or byte write modes available
5 ms max write cycle time
Hardware write protect for entire array
Output slope control to eliminate ground bounce
Schmitt trigger inputs for noise suppression
1,000,000 erase/write cycles guaranteed
Electrostatic discharge protection>4000V
Data retention >200 years
8-pin PDIP, SDIC (150 and 208 mil) and TSSOP packages;
14-pin SOIC package
Temperature ranges:
-Industrial (I):
-40℃ to +85℃
-Automotive (E)
-40℃ to +125℃
DESCRIPTION
The Artschip Technology Inc. 24AA64/24LC64 (24xx64*) is a 8K
x8 (64k bit) Serial Electrically Erasable PROM capable of
operation across a broad voltage range (1.8 V to 5.5V). It has
been developed for advanced, low power applications such as
personal communications or data acquisition. This device also
has a page-write capability of up to 32 bytes of data. This device
is capable of both random and sequential reads up to the 64K
boundary. Functional address lines allow up to eight devices on
the same bus, for up to 512 kbits address space. This device is
available in the standard 8-pin plastic DIP, 8-pin SOIC (150 and
208 mil), and 8-pin TSSOP.
PACKAGE TYPE
PDIP
SOIC
TSSOP
BLOCK DIAGRAM


Similar Part No. - 24LC64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC64 MICROCHIP-24LC64 Datasheet
215Kb / 12P
64K I 2 C ??CMOS Serial EEPROM
2007
24LC64 MICROCHIP-24LC64 Datasheet
572Kb / 24P
64K I2C??Serial EEPROM
2002
24LC64 MICROCHIP-24LC64 Datasheet
433Kb / 28P
64K I2C??Serial EEPROM
2007
24LC64 MICROCHIP-24LC64 Datasheet
746Kb / 36P
64K I2C??Serial EEPROM
2009
24LC64 MICROCHIP-24LC64 Datasheet
885Kb / 40P
64K I2C??Serial EEPROM
2010
More results

Similar Description - 24LC64

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46A SII-S-93C46A Datasheet
214Kb / 53P
CMOS SERIAL E2PROM
S-29UX94A SII-S-29UX94A Datasheet
875Kb / 15P
CMOS SERIAL EEPROM
S-29UXX0A SII-S-29UXX0A Datasheet
857Kb / 15P
CMOS SERIAL EEPROM
S-29X91A SII-S-29X91A Datasheet
975Kb / 17P
CMOS SERIAL EEPROM
S-29XX0A SII-S-29XX0A Datasheet
1Mb / 20P
CMOS SERIAL EEPROM
S-29453A SII-S-29453A Datasheet
757Kb / 13P
CMOS SERIAL EEPROM
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
CMOS SERIAL E2PROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128 Datasheet
147Kb / 11P
CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAV24M01 ONSEMI-CAV24M01 Datasheet
159Kb / 11P
CMOS Serial EEPROM
June, 2013 ??Rev. 1
logo
ARTSCHIP ELECTRONICS CO...
24AA128 ARTSCHIP-24AA128 Datasheet
1Mb / 10P
CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com