Electronic Components Datasheet Search
  English  ▼

X  

ART45U120 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ART45U120
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ART45U120 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  ART45U120 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART45U120 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ART45U120(1GBT1200)
INSULATED GATE BIPOLAR TRANSISTOR
www.artschip.com
1
Features
• High short circuit rating optimized for motor control
• Low conduction losses
• High switching speed
• Tighter parameter distribution
VCES=1200 V
VCE(on) typ. =3,1V
@VGE =15V, Ic=45A
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Units
Max
Collector-to-Emitter Voltage
VCES
V
1200
Continuous Collector Current
IC @ Tc=25˚C
45
Continuous Collector Current
IC @ Tc=100˚C
24
Pulsed Collector Current
1
ICM
90
Clamped Inductive Load Current
2
ILM
А
90
Short Circuit Withstand Time
tsc
µS
10
Maximum Power Dissipation
PD @ Tc=25˚C
200
Maximum Power Dissipation
PD @ Tc=100˚C
W
78
Gate–to-Emitter Voltage
VGE
V
±20
Operating Junction and
Storage temperature Range
TJ
TSTG
ºC
-55 to +150
Soldering Temperature, for 10 seconds
ºC
300
THERMAL RESISTANCE
Parameter
Symbol
Units
Min
Typ.
Max
Junction-to-Case
RΘJC
-
-
0,64
Case-to-Sink, Flat, Greased Surface
RΘCS
-
0,24
-
Junction-to-Ambient, typical socket mount
RΘJA
˚C/W
-
-
40


Similar Part No. - ART45U120

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
ART40U120 ARTSCHIP-ART40U120 Datasheet
609Kb / 7P
INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - ART45U120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
GA200SA60SP IRF-GA200SA60SP Datasheet
322Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WS IRF-IRG4BC40WS Datasheet
343Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF Datasheet
252Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
982Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4P254SPBF IRF-IRG4P254SPBF Datasheet
329Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC10SPBF IRF-IRG4BC10SPBF Datasheet
266Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG7PH50UPBF IRF-IRG7PH50UPBF Datasheet
366Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC20WPBF IRF-IRG4BC20WPBF Datasheet
209Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRGP4066PBF IRF-IRGP4066PBF Datasheet
275Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com