Electronic Components Datasheet Search
  English  ▼

X  

ART45U120 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ART45U120
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ART45U120 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  ART45U120 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART45U120 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ART45U120(1GBT1200)
INSULATED GATE BIPOLAR TRANSISTOR
www.artschip.com
2
ELECTRICAL CHARACTERISTICS (Tj =25 °C)
Parameter
Symbol
Units
Test Conditions
Min
Typ.
Max
Collector-to-Emitter Breakdown Voltage
V(BR)CES
V
VGE = 0V, IC = 250µA
1200
-
-
Emitter-to-Collector Breakdown Voltage
V(BR)ECS
V
VGE = 0V, IC = 1A
18
-
-
Breakdown Voltage Temp.Coefficient
∆V(BR)CES/
∆TJ
V/˚C
VGE = 0V, IC = 2 mA
-
0,9
-
VGE = 15V, IC = 24A
-
2,6
3,5
VGE = 15V, IC = 45A
-
3,1
-
Collector-to-Emitter Saturation
Voltage
(see figure 2,5)
VCE(ON)
V
VGE = 15V, IC = 24A
TJ =150˚C
-
2,6
-
Gate Threshold Voltage
VGE(th)
V
VGE=VCE, IC =250 µA
3,0
-
6,0
Threshold Voltage Temp.Coefficient
∆V(GE)th/
∆TJ
mV/˚C
VGE=VCE, IC =2mA
-
-10
-
Forward Transconductance
g (fe)
S
VCE = 100V, IC = 24 A
13
19
-
VCE = 1200V, VGE =0V
-
-
250
VCE = 10V, VGE =0V
-
-
2,0
Zero Gate Voltage Collector
Current
ICES
µA
VCE = 1200V, VGE =0V
TJ =150˚C
-
-
5000
Gate-to-Emitter Leakage Current
IGES
nA
VGS = ±20V
±100
SWITCHING CHARACTERISTICS (Tj =25 °C)
Parameter
Symbol
Units
Test Conditions
Min
Typ.
Max
Total Gate Charge (turn on)
Qg
-
180
270
Gate-to-Emitter Charge (turn on)
Qge
-
25
38
Gate-to-Collector Charge (turn on)
Qgc
nC
VGE = 15V,VCC = 400V,
IC =40A
See Figure 8
-
70
110
Turn-On Delay Time
td(on)
-
36
-
Rise Time
tr
-
27
-
Turn-Off Delay Time
td(off)
-
200
300
Fall Time
tf
ns
-
130
190
Turn-On Switching Loss
Eon
-
1,21
Turn-Off Switching Loss
Eoff
-
2,25
Total Switching Loss
EtS
mJ
VCC =960V, IC =240A
VGE = 15V RG=24 Ω
Energy losses include «tail»
See Figure 9,10,14
-
3,46
4,1
Short Circuit Withstand Time
tSC
µS
Vcc=720V, TJ=125˚C
VGE=15V RG=5,0Ω
10
-
-
Turn-On Delay Time
td(on)
-
35
-
Rise Time
tr
-
29
-
Turn-Off Delay Time
td(off)
-
380
-
Fall Time
tf
ns
-
280
-
Total Switching Loss
EtS
mJ
TJ =150˚C
VCC =960V, IC =24A
VGE = 15V RG=24 Ω
Energy losses include «tail»
See Figure 10,11,14
-
7,80
-
Input Capacitance
CISS
-
2800
-
Output Capacitance
COSS
-
140
-
Reverse Transfer Capacitance
CRSS
pF
VGE = 0V,VCC = 30V,
f = 1.0MHz
See Figure 7
-
53
-
NOTES:
1 Repetitive rating; V
GE =20V, pulse width limited by max junction temperature.(Fig.13b)
2 V
CC=80%(VCES), L= 10 µH, VGE = 15V, RG=5,0 Ω,(Fig.13a)
3 Pulse width ≤80 µs, duty factor ≤0,1%.
4 Pulse width 5,0µs single short.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com