Electronic Components Datasheet Search
  English  ▼

X  

DM48513 Datasheet(PDF) 17 Page - TOKYO SEIMITSU CO., LTD

Part # DM48513
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM48513 Datasheet(HTML) 17 Page - TOKYO SEIMITSU CO., LTD

Back Button DM48513 Datasheet HTML 12Page - TOKYO SEIMITSU CO., LTD DM48513 Datasheet HTML 13Page - TOKYO SEIMITSU CO., LTD DM48513 Datasheet HTML 14Page - TOKYO SEIMITSU CO., LTD DM48513 Datasheet HTML 15Page - TOKYO SEIMITSU CO., LTD DM48513 Datasheet HTML 16Page - TOKYO SEIMITSU CO., LTD DM48513 Datasheet HTML 17Page - TOKYO SEIMITSU CO., LTD DM48513 Datasheet HTML 18Page - TOKYO SEIMITSU CO., LTD DM48513 Datasheet HTML 19Page - TOKYO SEIMITSU CO., LTD DM48513 Datasheet HTML 20Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Name
Model
External view
Specifications
Remarks
Tape tension jig DM58526
• For pickup movement tracing
driver
Reference
specimen
E-MC-S24C
Calibration surface:
Approx. 3.1 μm Ra
Stylus check surface:
Approx. 0.4 μm Ra
Measured value described.
• For sensitivity calibration and for
checking stylus
• Applicable to JCSS calibration
and NIST calibration
Level
difference
reference
specimen
E-MC-S57A
Large range: Approx. 20 μm
Small range: Approx. 2 μm
Measured value described.
• Standard accessory for linear
series roughness system
• For detector sensitivity calibration
and stylus check
• Applicable to JCSS calibration
Magnification
calibrator
E-MC-S50C
Narrow range accuracy:
0 to 10 μm ±0.1 μm
Wide range accuracy:
0 to 400 μm ±1.0 μm
• For magnification calibration
Master ball
calibration unit
E-MC-S34A
• For measurements with stylus
pointing downwards
• Standard accessory for
C1600D/G, C2600E/G,
C1700DX/SD, C2700DX/SD
E-MC-S65B
• For measurements with stylus
pointing downwards
• Standard accessory for
S2000DX/SD, SNEX100
E-MC-S48A
Master ball calibration unit
• For measurements with stylus
pointing downwards
• Standard accessory for
S3000A, S5000DX/SD
E-MC-S51A
• For measurements with stylus
pointing upwards
• For C2600E/G, S3000A,
C2700DX/SD, S5000DX/SD
Small hole
stylus master
ball calibration
unit
E-MC-S59D
Block gage: 1.5 mm
Reference sphere: Φ1.5 mm
• For measurements with stylus
pointing downwards and stylus
for small bore measurement
• For C1600, C1700DX/SD,
C2600, S3000A
• For C2700DX/SD, S2000DX/SD,
S5000DX/SD, S2000, SNEX100
Pitch gage
E-MG-S02A
Pin diameter: 7.9 mm
Pitch: 15 mm
Dimensions:
144 mm × 38 mm × 49 mm
Stylus check
master
E-MG-S24A
Tip radius: 0.1 μm or less
Material: Knife edge diamond
Power
transformer
box
E-TF-R25A
Input: 90 V to 240 V
Output: 100 V
Capacity: 2.1 kVA
Dimensions:
300 mm × 350 mm × 296 mm
Weight: 45 kg
• Specify the input voltage
85
60
46
Block gage
Master ball
ø12.7mm(1/2)
Y-direction adjustment
Y-direction adjustment
table
25
90°
ø64
1(Edge line length)
6
63
Block gage 1.5mm
Calibration ball
φ1.5mm
Standard
plate
Standard Inventory Parts
ブロックゲージ
Y軸方向調整用
テーブル
マスターボール
82
60
Y-direction adjustment table
Block gage
Master ball
181.5
97
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com