Electronic Components Datasheet Search
  English  ▼

X  

BMA421 Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # BMA421
Description  Intelligent, triaxial acceleration sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA421 Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  BMA421 Datasheet HTML 1Page - Bosch Sensortec GmbH BMA421 Datasheet HTML 2Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DESCRIPTION
The BMA421 is an ultra-small, triaxial, low-g acceleration sensor
with digital interfaces, aiming for low-power consumer
electronics applications. Featuring 12 bit digital resolution and
embedded intelligence, the BMA421 allows low-noise
measurement of accelerations in 3 perpendicular axes and thus
senses any-motion/no-motion and enables plug ’n’ play step
counting in smart phones and wearable devices. Furthermore
the device is optimized to fulfill low power step counter
requirements.
SENSOR FEATURES
With its embedded intelligence BMA421 is unique in the class of
consumer grade accelerometers for smart phones, wearable
devices and toys and gadgets. The embedded intelligence
enables precise low current always on step-counting at 25 µA in
smartphones and wearable devices (e.g. wrist bands). Featuring
a high performance measurement mode with low pass filters and
a current consumption of only 150 μA the BMA421 is robust to
vibrations and aliasing. In low-power mode operation the current
consumption can be even further reduced by more than one
order of magnitude. This fulfills the current consumption
requirements for always-on applications and wearable devices.
The BMA421 is highly configurable in order to give the designer
full flexibility when integrating the sensor into the system.
TECHNICAL SPECIFICATIONS
BMA421 Technical data
Digital resolution
12 bit
Resolution
(in ±2g range)
0.98 mg
Measurement ranges
(programmable)
±2 g; ±4 g; ±8 g; ±16 g
Sensitivity
(calibrated)
±2 g: 1024 LSB/g
±4 g: 512LSB/g
±8 g: 256 LSB/g
±16 g: 128 LSB/g
Zero-g offset
(typ., over life-time)
±100 mg
Noise density (typ.)
300 µg/√Hz
Output data rate
(programmable)
1600 Hz … 8 Hz
Digital inputs/outputs
SPI & I2C,
2x digital interrupt pins
Supply voltage (VDD)
1.62 … 3.6 V
I/0 supply voltage
(VDDIO)
1.2 … 3.6 V
Temperature range
-40 … +85 °C
Current consumption
– full operation
– low-power mode
150 µA
13 µA (@ 50 Hz data rate)
FIFO data buffer
1 kB
LGA package
2 x 2 x 0.95 mm3
Shock resistance
10,000 g x 200 µs
SENSOR OPERATION
The BMA421 supports two modes of operation:
1) Standard data polling mode: Acceleration data is directly read-
out via the sensor’s digital interface and computed by a system
μController, application processor or a baseband processor. An
integrated FIFO with 1 kB of size can be used optionally to
reduce overall system current consumption.
Bosch Sensortec
BMA421
Intelligent, triaxial acceleration sensor
BMA421 TARGET APPLICATIONS
 Step-counting in smartphones
 Step-counting in wearable devices
 Low power user interaction
 Gesture recognition
 Advanced power management for mobile devices
 Tilt compensation for electronic compass


Similar Part No. - BMA421

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA422 BOSCH-BMA422 Datasheet
247Kb / 2P
Intelligent, triaxial acceleration sensor
BMA423 BOSCH-BMA423 Datasheet
3Mb / 129P
Digital, triaxial acceleration sensor
More results

Similar Description - BMA421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
Digital, triaxial acceleration sensor
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA422 BOSCH-BMA422 Datasheet
247Kb / 2P
Intelligent, triaxial acceleration sensor
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
Digital, triaxial acceleration sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com