Electronic Components Datasheet Search
  English  ▼

X  

BMA421 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMA421
Description  Intelligent, triaxial acceleration sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA421 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMA421 Datasheet HTML 1Page - Bosch Sensortec GmbH BMA421 Datasheet HTML 2Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bosch Sensortec | BMA421
Data & Specification are preliminary and subject to change without notice | | Bosch Sensortec GmbH reserves all
rights in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbols are registered trademarks of Robert Bosch GmbH, Germany.
2 | 2
Doc.-Number: BST-BMA421-FL000-00 / Version_1.0_122015
Pin
configuratio
n
Pin
Name
Description
1
SDO
SPI – Serial Data Out; I2C -
address select
2
SDx
Serial data I/O
3
VDDIO
Power supply
4
ASDA
Serial data I/O – Secondary
Interface
5
INT1
Interrupt pin
6
INT2
Interrupt pin
7
VDD
Voltage supply
8
GNDIO
Ground
9
GND
Ground
10
CSB
SPI – Chip select
11
ASCL
Digital clock (in) – Secondary
Interface
12
SCx
Digital clock (in)
2) Plug ’n’ play intelligence operation: Acceleration data is
computed already within the BMA421.
The embedded intelligence of the sensor can trigger an interrupt
at certain selectable events which can be mapped to the
selectable interrupt pins. In addition to the electrical interrupt, the
status of the events and the counted steps are stored in the
register map and can be read out easily.
Embedded Intelligence:
 Step detector / Step counting
 Any-motion/No-motion
Feature parameters can be configured by the designer and thus
perfectly support the adoption to the required use case and
system design.
SYSTEM COMPATIBILITY
The BMA421 has been designed for best possible fit into
modern mobile consumer electronics devices. Beside the ultra-
small footprint and lowest power consumption, the BMA421 has
very wide ranges for VDD and VDDIO supply voltages. The
BMA421 features I2C and SPI (3-wire/4-wire) digital, serial
interfaces. The availability of a separate I²C interface enables
the connection of an external magnetometer (BMM150
recommended) and the synchronization of the acceleration and
the magnetometer data in the FIFO of the BMA421. This
reduces the complexity of sensor data fusion and improves its
precision as well. BMA421 is designed for plug ‘n’ play
functionality and ease-of-use in various system designs.
Headquarters
Bosch Sensortec GmbH
Gerhard-Kindler-Strasse 9
72770 Reutlingen · Germany
Telephone +49 7121 3535 900
Fax +49 7121 3535 909
www.bosch-sensortec.com
Pin configuration (top view)
1
2
3
4
5
6
10
9
8
7
12
11
BMA421
Top View
(Pads not visible!)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com