Electronic Components Datasheet Search
  English  ▼

X  

DM45503 Datasheet(PDF) 4 Page - TOKYO SEIMITSU CO., LTD

Part # DM45503
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM45503 Datasheet(HTML) 4 Page - TOKYO SEIMITSU CO., LTD

  DM45503 Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Measuring application
Model
External view
Specifications
Remarks
Soft materials
010 2508
10 μmR,
90° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
• Specifications are for when
E-DT-S02A is mounted
Deep hole grooves,
bottom surface of
Oring groove
010 2525
10 μmR,
90° conical diamond,
8 mN
• Downward measurements
• Sensitivity: 1/2
• Magnification: x20000
• Large waveform distortion
Extra deep grooves
010 2526
10 μmR,
90° conical diamond,
8 mN
• Downward measurements
• Sensitivity: 1/2
• Magnification: x5000
• Large waveform distortion
Bottom surface
of holes
010 2541
5 μmR,
90° conical diamond,
8 mN
• Magnification: x5000
• Large waveform distortion
• Dedicated connecting rod
used
High
magnification
measurement
010 2506
1 μmR,
60° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
• Specifications are for when
E-DT-S04A is mounted.
High
magnification
contour profiles
010 2528
1 μmR,
60° conical diamond,
8 mN
• Downward measurements
• Sensitivity: 1/2
• Magnification: x10000
• For E-DT-S01A, -S03A
Measuring application
Model
External view
Specifications
Remarks
Steps
010 2504
250 μmR,
60° conical saphire,
5 mN
• All orientations
Waviness
010 2505
Φ 1.6, ruby,
4 mN
• All orientations
Extra fine hole
profiles
010 2510
Φ 0.5, tool steel,
4 mN
• All orientations
• Magnification: x5000
• Excluding E-DT-S03A/
-SS01A/SE19A
Fine long hole
waviness
010 2520
Φ 1.6, ruby,
5 mN
• Downward measuring
• Sensitivity: 1/2
• Magnification: x10000
Large steps
010 2523
250 μmR, sapphire,
5 mN
• Downward measuring
• Sensitivity: 1/2
• Magnification: x25000
Replaceable Roughness Profile Measuring Styli
Applicable models
FLEX-50
S130
S1400
S1500
S1900
S1910
S480
S1800
S2800
S2900
S-NEX001
* The value of measuring force is when E-DT-S01A/E-DT-SE18A are mounted
Standard Inventory Parts
Standard Inventory Parts
Replaceable Waviness Profile Measuring Styli
Applicable models
FLEX-50
S130
S1400
S1500
S1900
S1910
S480
S1800
S2800
S2900
S-NEX001
* The value of measuring force is when E-DT-S01A/E-DT-SE18A are mounted
Surface Texture – Contour
Measuring Instruments
SURFCOM · CONTOURECORD Option
7.2
7.2
7.2
0.29
84
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com