Electronic Components Datasheet Search
  English  ▼

X  

DM45503 Datasheet(PDF) 7 Page - TOKYO SEIMITSU CO., LTD

Part # DM45503
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM45503 Datasheet(HTML) 7 Page - TOKYO SEIMITSU CO., LTD

Back Button DM45503 Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 10Page - TOKYO SEIMITSU CO., LTD DM45503 Datasheet HTML 11Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Name
Model
External view
Specifications
Remarks
General purpose
DM47501
2 μmR,
60° conical diamond,
0.75 mN
• Standard accessory
• Stroke: 5 mm
• For roughness and contour measurement
DM47508
5 μmR,
30° conical diamond,
0.75 mN
• Stroke: 5 mm
• For roughness and contour
measurement
DM47548
5 μmR,
40° conical diamond,
4 mN
• Stroke: 5 mm
• For roughness and contour
measurement
Contour stylus
2X arm
DM47513
25 μmR,
24° conical carbide,
5 mN
• Standard accessory
• Stroke: 10 mm
• For contour measurement only
DM47525
25 μmR,
12° inclined carbide,
7 mN or less
• Stroke: 10 mm
• For contour measurement only
Offset measure-
ment stylus
DM47504
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 5 mm
• Offset: 13.5 mm
• For roughness and contour
measurement
Small hole stylus
DM47505
*1
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 5 mm
• For roughness and contour
measurement
DM47524
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 5 mm
• For roughness measurement
only
Small hole stylus
2X arm
DM47546
*1
2 μmR,
60° conical diamond,
3 mN or less
• Stroke: 10 mm
• For roughness and contour
measurement
Extra small hole
stylus
DM47506
*1
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 5 mm
• For roughness and contour
measurement
Deep groove
stylus
DM47507
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 5 mm
• For roughness and contour
measurement
DM47549
5 μmR,
90° conical diamond,
4 mN
• Stroke: 5 mm
• For roughness and contour
measurement
DM47572
2 μmR,
60° conical diamond,
2 mN or less
• Stroke: 5 mm
• For roughness and contour
measurement
General purpose
stylus
2X arm
DM47547
2 μmR,
60° conical diamond,
4 mN
• Stroke: 10 mm
• For roughness and contour
measurement
Corner/tooth
surface stylus
DM47523
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 5 mm
• For roughness measurement
only
Corner/tooth
surface stylus
2X arm
DM47595
2 μmR,
60° conical diamond,
4 mN or less
• Stroke: 10 mm
• For roughness measurement
only
Stylus for ridge/
tooth tip mea-
surement
DM47551
2 μmR,
60° knife edge-shaped
diamond,
0.75 mN
• Stroke: 5 mm
• For roughness and contour
measurement
Stylus for wavi-
ness measure-
ment
DM47540
Φ 2 ruby ball,
0.75 mN
• Stroke: 5 mm
• For contour (waviness)
measurement
LH=65, LV=−14.35
LH=65,
LV=−14.5
LH=65,
LV=−5.025
LH=65,
LV=−5.7
LH=65,
LV=−5.025
LH=65,
LV=−4.625
LH=65,
LV=−30.5
LH=65,
LV=−55.5
LH=130,
LV=−15.5
LH=65,
LV=−12.525
LH=130,
LV=−13.5
LH=65,
LV=−8.35
LH=65,
LV=−14.35
LH=130,
LV=−21.5
LH=130,
LV=−21.5
Replaceable Styli for S2000DX/SD
Applicable models
S2000DX/SD
*Requires master ball calibration unit for small holes. *Special stylus will be studied and proposed in accordance with customer’s workpieces.
Standard Inventory Parts
138.5
138.5
87
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com