Electronic Components Datasheet Search
  English  ▼

X  

HCPL-181 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-181
Description  Phototransistor Optocoupler SMD Mini-Flat Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-181 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-181 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Figure 10. Response time vs. load resistance.
Figure 11. Frequency response.
f – FREQUENCY – kHz
1
20
500
5
20
10
210
50
0.5
0
100 200
RL = 10 kΩ
RL = 1 kΩ
RL = 100 Ω
VCE = 2 V
IC = 2 mA
TA = 25°C
0.1
RL – LOAD RESISTANCE – kΩ
0.1
5
1
0.5
0.2
0.5
500
0.2
2
10
0.05
2
VCE = 2 V
IC = 2 mA
TA = 25°C
tf
tr
1
5
10
20
50
100
200
ts
td
Figure 4. Forward current vs. forward voltage.
Figure 5. Current transfer ratio vs. forward
current.
Figure 6. Collector current vs. collector-
emitter voltage.
Figure 7. Relative current transfer ratio vs.
temperature.
Figure 8. Collector-emitter saturation
voltage vs. temperature.
Figure 9. Collector dark current vs.
temperature.
1
VF – FORWARD VOLTAGE – V
2.0
3.0
10
5
500
1.0
0
TA = 75°C
0.5
1.5
2.5
2
20
50
100
200
TA = 50°C
TA = 25°C
TA = 0°C
TA = -25°C
0
IF – FORWARD CURRENT – mA
10
50
40
200
2
0
20
60
120
140
160
VCE = 5 V
TA = 25°C
80
100
180
520
0
VCE – COLLECTOR-EMITTER VOLTAGE – V
69
40
20
50
3
0
PC (MAX.)
TA = 25°C
IF = 30 mA
IF = 25 mA
IF = 10 mA
IF = 5 mA
30
10
IF = 20 mA
IF = 15 mA
12
4
5
78
0
0.06
0.02
0.10
IC = 1 mA
IF = 20 mA
TA – AMBIENT TEMPERATURE – °C
60
40
80
100
20
0.04
0.08
TA – AMBIENT TEMPERATURE – °C
1
10
100
1000
80
60
40
100
20
10000
VCE = 20 V
0
100
50
150
VCE = 2 V
IF = 5 mA
TA – AMBIENT TEMPERATURE – °C
80
40
60
100
20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com