Electronic Components Datasheet Search
  English  ▼

X  

HCPL-181 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-181
Description  Phototransistor Optocoupler SMD Mini-Flat Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-181 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-181 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ordering Information
Specify part number followed by
Option Number (if desired).
HCPL-181-XXXE
Lead Free
Option Number
000 = No Options
060 = IEC/EN/DIN EN 60747-5-2
Option
00A = Rank Mark A
00B = Rank Mark B
00C = Rank Mark C
00D = Rank Mark D
Agilent HCPL-181
Phototransistor Optocoupler
SMD Mini-Flat Type
Data Sheet
Features
• Current Transfer Ratio
(CTR: min. 50% at IF = 5 mA,
VCE = 5 V)
• High input-output isolation voltage
(Viso=3750Vrms)
• High collector-emitter voltage (VCEO
=80V)
• Response time (tr: typ., 4 µs at
VCE = 2 V, IC = 2 mA, RL = 100 Ω)
• Mini-flat package (2.0 mm profile) in
tape and reel package
• UL approved
• CSA approved
• IEC/EN/DINEN60747-5-2 approved
• Options available:
– IEC/EN/DINEN60747-5-2
approvals (060)
Applications
• I/O interfaces for computers
• System appliances, measuring in-
struments
• Signal transmission between cir-
cuits of different potentials and
impedances
• Feedback circuit in power supply
Description
The HCPL-181 contains a light
emitting diode optically coupled to
a phototransistor. It is packaged in
a 4-pin mini-flat SMD package with
a 2.0 mm profile. The small
dimension of this product allows
significant space saving. The
package volume is 30% smaller
than that of conventional DIP type.
Input-output isolation voltage is
3750 Vrms. Response time, tr, is
typically 4
µs and minimum CTR is
50% at input current of 5 mA.
Functional Diagram
Schematic
4
3
12
PIN NO. AND INTERNAL
CONNECTION DIAGRAM
1. ANODE
2. CATHODE
3. EMITTER
4. COLLECTOR
1
2
ANODE
CATHODE
VF
+
–
IF
4
3
COLLECTOR
EMITTER
IC
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.


Similar Part No. - HCPL-181

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
More results

Similar Description - HCPL-181

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com