Electronic Components Datasheet Search
  English  ▼

X  

DS1307 Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1307
Description  I2C Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1307 Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button DS1307 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS1307
64 x 8, Serial, I
2C Real-Time Clock
www.artschip.com
7
CLOCK ACCURACY
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match between the capacitive
load of the oscillator circuit and the capacitive load of which the crystal was trimmed. Additional error will be added by crystal
frequency drift caused by temperature shifts. External circuit noise coupled into the oscillator circuit may result in the clock running
fast. Refer to Application Note 58: Crystal Considerations with ARTSCHIP Real-Time Clocks for detailed information.
Table 1. Crystal specifications
*
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal Frequency
Fo
32.768
kHz
Series Resistance
ESR
45
k
Ω
Load Capacitance
CL
12.5
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals, Refer to
Application Note 58: Crystal Considerations for ARTSCHIP Real-Time Clocks for additional specifications.
Figure 2
. Recommended Layout for Crystal
Figure 3. Oscillator Circuit Showing Internal Bias Network
RTC AND RAM ADDRESS MAP
Table 2 shows the address map for the DS1307 RTC and RAM registers. The RTC registers are located in address locations 00h
to 07h. The RAM registers are located in address locations 08h to 3Fh. During a multibyte access, when the address pointer
reaches 3Fh, the end of RAM space, it wraps around to location 00th , the beginning of the clock space.
CLOCK AND CALENDAR
The time and calendar information is obtained by reading the appropriate register bytes. Table 2 shows the RTC registers. The
time and calendar are set or initialized by writing the appropriate register bytes. The contents of the time and calendar registers
are in the BCD format. The day-of-week register increments at midnight. Values that correspond to the day of week are
user-defined but must be sequential (i.e., if 1 equals Sunday, then 2 equals Monday, and so on.) illogical time and date entries
result in undefined operation. Bit 7 of Register 0 is the clock halt (CH) bit. When this bit is set to 1, the oscillator is disabled. When
cleared to 0, the oscillator is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com