Electronic Components Datasheet Search
  English  ▼

X  

DS1307 Datasheet(PDF) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1307
Description  I2C Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1307 Datasheet(HTML) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button DS1307 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307 Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1307
64 x 8, Serial, I
2C Real-Time Clock
www.artschip.com
9
I
2C DATA BUS
The DS1307 supports the I
2C protocol. A device that sends data onto to bus is defined as a transmitter and a device receiving
data as a receiver. The device that controls the message is called a mater. The devices that are controlled by the master are
referred to as slaves. The bus must be controlled by a master are referred to as slaves. The bus must be controlled by a master
device that generates the serial clock (SCL), Controls the bus access, and generates the START and STOP conditions. The
DS1307 operates as a slave on the I
2C bus.
Figure 4,5, and 6 detail how data is transferred on the I
2C bus.
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line while the clock
line is high will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus not busy:
Both data and clock lines remain HIGH.
Start data transfer:
A change in the state of the data line, from High to LOW, while the clock is HIGH, defines a START
condition.
Stop data transfer:
A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH, defines the STOP
condition.
Data valid:
The state of the data line represents valid data when, after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal. The data on the line must be changed during the LOW period of the clock
signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data bytes
transferred between START and STOP conditions is not limited, and is determined by the master device. The information is
transferred byte-wise and each receiver acknowledges with a ninth bit. Within the 2-wire bus specifications a standard mode
(100kHz clock rate) and a fast mode (400kHz clock rate) are defined. The DS1307 operates in the standard mode (100kHz)
only.
Acknowledge:
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte.
The master device must generate an extra clock pulse which is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is
stable Low during the HIGH period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into
account. A master must signal an end of data to the slave by not generating and acknowledge bit on the last byte that has been
clocked out of the slave. In this case, the slave must leave the data line HIGH to enable the master to generate the STOP
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com