Electronic Components Datasheet Search
  English  ▼

X  

DS1743 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1743
Description  Y2KC Nonvolatile Timekeeping RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1743 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1743 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS1743/DS1743P
Y2KC Nonvolatile Timekeeping RAM
www.artschip.com
4
DS1743 REGISTER MAP Table 2
DATA
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION/RANGE
1FFF
10 Year
YEAR
YEAR
00-99
1FFE
X
X
X
10Mo
MONTH
MONTH
01-12
1FFD
X
X
10 Date
DATE
DATE
01-31
1FFC
BF
FT
X
X
X
DAY
DAY
01-07
1FFB
X
X
10 HOUR
HOUR
HOUR
00-23
1FFA
X
10 MINUTES
MINUTES
MINUTES
00-59
1FF9
10 MINUTES
SECONDS
SECONDS
00-59
1FF8
W
R
10 CENTURY CENTURY
CONTROL
00-39
=STOP BIT
R=READ BIT
FT=FREQUENCY TEST
W=WRITE BIT
X=SEE NOTE BELOW
BF=BATTERY FLAG
NOTE:
All indicate “X” bits are not dedicated to any particular function and can be used as normal RAM bits.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1743 is in the read mode whenever
(output enable) is low,
(write enable) is high, and
(chip enable) is low.
The device architecture allows ripple-through access to any of the address locations in the NV SRAM. Valid data will be available
at the DQ pins within tAA after the last address input is stable, providing that the
, and
access times and states are
satisfied. If
, or
access times and states are not met, valid data will be available at the latter of chip enable access (tCEA)
or at output enable access time (tCEA). The state of the data input/output pins (DQ) is controlled by
, and
. If the outputs are
activated before tAA, the data lines are driven to an intermediate state until tAA. If the address inputs are changed while
, and
remain valid, output data will remain valid for output data hold time (tOH) but will then go indeterminate until the next address
access.
WRITING DATA TO RAM OR CLOCK
The DS1743 is in the write mode whenever
, and
are in their active state. The start of a write is referenced to the latter
occurring transition of
, on
. The addresses must be held valid throughout the cycle.
or
must return inactive for a
minimum of tWR prior to the initiation of another read or write cycle. Data in must be valid tDS prior to the end of write and remain
valid for tDH afterward. In a typical application, the
signal will be high during a write cycle. However,
can be active
provided that care is taken with the data bus to avoid bus contention. If
is low prior to
transitioning low the data bus can
become active with read data defined by the address inputs. A low transition on
will then disable the outputs tWEZ after
goes active.
DATA RETENTION MODE
The 5-volt device is fully accessible and data can be written or read only when Vcc is greater than VPF. However, when Vcc is
below the power fail point, VPF, (point at which write protection occurs) the internal clock register and SRAM are blocked from any
access. At this time (PowerCap only) the power fail reset output signal (
) is driven active and will remain active until Vcc
returns to nominal levels.The 3.3-volt device is fully accessible and data can be written or read only when Vcc is greater than VPF.
When Vcc falls below the power fail point, VPF, access to the device is inhibited. At this time the power fail reset output signal (
)
is driven active and will remain active until Vcc returns to nominal levels. If VPF is less than VSO, the device power is switched from
Vcc to the backup supply (VBAT) when Vcc drops below VPF. If VPF is greater than VSO, the device power is switched from Vcc to
the backup supply (VBAT) when Vcc drops below Vso. RTC operation and SRAM data are maintained from the battery until Vcc is
returned to nominal levels. The
(PowerCap only) signal is an open drain output and requires a pull up. Except for the
,
all control, data, and address signals must be powered down when Vcc is powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com