Electronic Components Datasheet Search
  English  ▼

X  

DS1743 Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1743
Description  Y2KC Nonvolatile Timekeeping RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1743 Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button DS1743 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS1743/DS1743P
Y2KC Nonvolatile Timekeeping RAM
www.artschip.com
7
READ CYCLE, AC CHARACTERISTIC
(Over the Operating Range; Vcc=3.3V ±10%)
120 ns access
150 ns access
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
120
150
ns
5
Address Access Time
tAA
120
150
ns
5
and CE2 Low to DQ Low-Z
tCEL
5
5
ns
5
and CE2 Access time
tCEA
120
150
ns
5
and CE2 Data Off time
tCEZ
40
50
ns
5
Low to DQ Low-Z
tOEL
5
5
ns
5
Access Time
tOEA
100
130
ns
5
Data Off Time
tOEZ
35
35
ns
5
Output Hold from Address
tOH
5
5
ns
5
READ CYCLE TIMING DIAGRAM
SEE NOTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com