Electronic Components Datasheet Search
  English  ▼

X  

DS1744 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1744
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1744 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1744 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DS1744/DS1744P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
www.artschip.com
3
ORDERING INFORMATION
PART
VOLTAGE (V)
TEMP RANGE
PIN-PACKAGE
TOP MARK**
DS1744-70
5.0
0
℃ to +70℃
28 EDIP
DS1744-70
DS1744-70+
5.0
0
℃ to +70℃
28 EDIP
DS1744+70
DS1744-70IND
5.0
-40
℃ to +85℃
28 EDIP
DS1744-70IND
DS1744-100+
5.0
0
℃ to +70℃
28 EDIP
DS1744 +100
DS1744W-120
3.3
0
℃ to +70℃
28 EDIP
DS1744W -120
DS1744W-120+
3.3
0
℃ to +70℃
28 EDIP
DS1744W +120
DS1744W-120IND
3.3
-40
℃ to +85℃
28 EDIP
DS1744W -120IND
DS1744P-70
5.0
0
℃ to +70℃
34 PowerCap*
DS1744P-70
DS1744P-70+
5.0
0
℃ to +70℃
34 PowerCap*
DS1744P+70
DS1744P-70IND
5.0
-40
℃ to +85℃
34 PowerCap*
DS1744P-70IND
DS1744P-100+
5.0
0
℃ to +70℃
34 PowerCap*
DS1744P+100
DS1744WP-120
3.3
0
℃ to +70℃
34 PowerCap*
DS1744WP-120
DS1744WP-120+
3.3
0
℃ to +70℃
34 PowerCap*
DS1744WP+120
DS1744WP-120IND
3.3
-40
℃ to +85℃
34 PowerCap*
DS1744WP-120IND
+Denotes a lead-free/RoHS-complient device.
* DS9034-PCX, DS90341-PCX, DS9034-PCX + required (must be ordered separatedly).
** A “+” anywhere in the top mark denotes a lead-free device. An “IND” denotes an industrial temperature grade device.
DESCRIPTION
The DS1744 is a full-function, year-2000-compliant (Y2KC), real-time clock/calendar (RTC) and 32k x 8 NV SRAM. User access
to all registers within the DS1744 is accomplished with a byte-wide interface as shown in Figure 1. The RTC information and
control bits reside in the eight uppermost RAM locations. The RTC registers contain century, year, month, date, day, hours,
minutes, and seconds data in 24-hour BCD format. Corrections for the date of each month and leap year are made automatically.
The RTC clock registers are double-buffered to avoid access of incorrect data that can occur during clock update cycles. The
double-buffered system also prevents time loss as the timekeeping countdown continues unabated by access to time register data.
The DS1744 also contains its own power-fail circuitry that deselects the device when the VCC supply is in an out-of-tolerance
condition. This feature prevents loss of data from unpredictable system operation brought on by low VCC as errant access and
update cycles are avoided.
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com