Electronic Components Datasheet Search
  English  ▼

X  

DS1744 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1744
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1744 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1744 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DS1744/DS1744P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
www.artschip.com
1
FEATURES
Integrated NV SRAM, Real-Time Clock, Crystal, Power-Fail
Control Circuit, and Lithium Energy Source
Clock Registers are Accessed Identically to the Static RAM.
These Registers are Resident in the Eight Top RAM
Locations.
Century Byte Register (i.e., Y2K Compliant)
Totally Nonvolatile with Over 10 Years of Operation in the
Absence of Power
BCD-Coded Century, Year, Month, Date, Day, Hours,
Minutes,
and
Seconds
with
Automatic
Leap-Year
Compensation Valid Up to the Year 2100
Battery Voltage-Level Indicator Flag
Power-Fail
Write
Protection
Allows
for
±10%
Vcc
Power-Supply Tolerance
Lithium Energy Source is Electrically Disconnected to
Retain Freshness Until Power is Applied for the First Time
DIP Module Only
Standard JEDEC Byte-Wide 32k x 8 Static RAM Pinout
PowerCap
®
Module Board Only
Surface-Mountable Package for Direct
Connection to PowerCap Containing
Battery and Crystal
Replaceable Battery (PowerCap)
Power-On Reset Output
Pin-for-Pin Compatible with Other Densities of DS174xP
Timekeeping RAM
Also Available in Industrial Temperature
Range: -40
℃ to +85℃
UL Recognized
PIN CONFIGURATIONS
TOP VIEW
EDIP
PowerCap Module BOARD
(Uses DS9034PCX PowerCap)


Similar Part No. - DS1744

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1744 MAXIM-DS1744 Datasheet
190Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
logo
Dallas Semiconductor
DS1744-70 DALLAS-DS1744-70 Datasheet
348Kb / 18P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1744-70 MAXIM-DS1744-70 Datasheet
583Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1744-70+ MAXIM-DS1744-70+ Datasheet
190Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
More results

Similar Description - DS1744

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com