Electronic Components Datasheet Search
  English  ▼

X  

SM5Z Datasheet(PDF) 3 Page - Anova Technologies CO., LTD.

Part # SM5Z
Description  Surface Mount Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SM5Z Datasheet(HTML) 3 Page - Anova Technologies CO., LTD.

  SM5Z Datasheet HTML 1Page - Anova Technologies CO., LTD. SM5Z Datasheet HTML 2Page - Anova Technologies CO., LTD. SM5Z Datasheet HTML 3Page - Anova Technologies CO., LTD. SM5Z Datasheet HTML 4Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SM5Z Series
www.anova-semi.com
Revision: C
Nov-04-2016
P. 3
B MIN.
C
1.5 (0.059)
13.5 ± 0.50
(0.53 ±
0.02)
150
℃
200
℃
60-180
sec
<3
℃
/sec
>220
℃
245
℃
60-150
sec
<3
℃
/sec
10-30
sec
<5
℃
/sec
<6
min
280
℃
Time within actual peak temp.
Ramp down Rate
Time(25℃ to Peak temp.)
Do not exceed
Ramp up rate (150-200℃)
Reflow
Liquidus Temp.
Peak Temp.
Time(Liq. to Peak)
Ramp up rate (220-200℃)
Recommended Soldering Parameters
IR-Reflow Condition
Pre Heat
Temp. min
Temp. max
Time(min to max)
30.4
(1.197)
Surface Mount Tape and Reel Packaging
Dimensions in Millimeters (inches)
TAPE SIZE
A MAX.
D MIN.
N MIN.
G MAX. T MAX.
24 mm (0.945)
330 ± 2.0 (13.0 ±
0.079)
178 ± 2.0 (7.0 ±
0.079)
20.2
(0.795)
50 (1.97) 26.4 (1.039)
tp
ts
Perheat
T
s(min)
T
s(max)
TL
tL
TP
Ramp-up
Time(t)
Temp from 25 °C to Peak
B
D
C
ZONE 1
ZONE1
A
N
G
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com