Electronic Components Datasheet Search
  English  ▼

X  

SM5Z Datasheet(PDF) 4 Page - Anova Technologies CO., LTD.

Part # SM5Z
Description  Surface Mount Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SM5Z Datasheet(HTML) 4 Page - Anova Technologies CO., LTD.

  SM5Z Datasheet HTML 1Page - Anova Technologies CO., LTD. SM5Z Datasheet HTML 2Page - Anova Technologies CO., LTD. SM5Z Datasheet HTML 3Page - Anova Technologies CO., LTD. SM5Z Datasheet HTML 4Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM5Z Series
www.anova-semi.com
Revision: C
Nov-04-2016
P. 4
Min (V) Max (V)
IT (mA)
SM5Z10A
11.1
12.3
5.0
15
250
10
212
17.0
SM5Z11A
12.2
13.5
5.0
10
150
11
198
18.2
SM5Z12A
13.3
14.7
5.0
10
150
12
181
19.9
SM5Z13A
14.4
15.9
5.0
10
150
13
167
21.5
SM5Z14A
15.6
17.2
5.0
10
150
14
155
23.2
SM5Z15A
16.7
18.5
5.0
10
150
15
148
24.4
SM5Z16A
17.8
19.7
5.0
10
150
16
138
26.0
SM5Z17A
18.9
20.9
5.0
10
150
17
130
27.6
SM5Z18A
20.0
22.1
5.0
10
150
18
123
29.2
SM5Z20A
22.2
24.5
5.0
10
150
20
111
32.4
SM5Z22A
24.4
26.9
5.0
10
150
22
101
35.5
SM5Z24A
26.7
29.5
5.0
10
150
24
93
38.9
SM5Z26A
28.9
31.9
5.0
10
150
26
86
42.1
SM5Z28A
31.1
34.4
5.0
10
150
28
79
45.4
SM5Z30A
33.3
36.8
5.0
10
150
30
74
48.4
SM5Z33A
36.7
40.6
5.0
10
150
33
68
53.3
SM5Z36A
40.0
44.2
5.0
10
150
36
62
58.1
SM5Z40A
44.4
49.1
5.0
10
150
40
56
64.5
SM5Z43A
47.8
52.8
5.0
10
150
43
52
69.4
1.Surge current waveform is defined at 10/1000uS waveform
NOTE:
2.For all types maximum VF = 2.0 V at IF = 100 A measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM (uA)
Maximum
IR @VRWM
TJ=175
(uA)
Working
Peak Reverse
Voltage VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A) (1)
Maximum
Clamping
Voltage
VC@IPP (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com