Electronic Components Datasheet Search
  English  ▼

X  

SM8Z Datasheet(PDF) 2 Page - Anova Technologies CO., LTD.

Part # SM8Z
Description  Automotive Protection Surface Mount Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SM8Z Datasheet(HTML) 2 Page - Anova Technologies CO., LTD.

  SM8Z Datasheet HTML 1Page - Anova Technologies CO., LTD. SM8Z Datasheet HTML 2Page - Anova Technologies CO., LTD. SM8Z Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM8Z Series
www.anova-semi.com
Revision: E
May-03-2018
P. 2
AMBIENT TEMPERATURE , (℃)
AVERAGE FORWARD CURRENT, (A)
0
100
25
100
175
0
0 0
0.2 ##
0.5 76
1 50
1.5 33
2 23
3 13
4 10
0
8
1
6600
25
8
10
5200
##
0
100
1900
10
5200
100
1900
Fig. 3 - Steady State Power Derating Curve
Fig. 4 - Peak Pulse Power Rating Curve
Ratings and Characteristics Curves (TA=25℃ unless otherwise noted)
Fig. 1 - Pulse Derating Curve
Fig. 2 - Pulse Waveform
PACKAGE OUTLINE DIMENSIONS(millimeters)
0.0
2.0
4.0
6.0
8.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL (℃)
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,TA (℃)
0
50
100
0
1
2
3
4
Time , (ms)
10/1000 μsec. Waveform
Peak Value
(Ipp)
td
Tr=10μs
Half Value = Ipp
2
TJ = 25 °C
Pulse Width (td) is defined as the point
where the peak current decays to 50 %
of Ipp
1000
10000
10
100
Pulse Width ,td (ms)
Recommended Mounting Pad Layout
11.0
9.5
15.8
3.5
3.0
3.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com