Electronic Components Datasheet Search
  English  ▼

X  

SM8Z Datasheet(PDF) 3 Page - Anova Technologies CO., LTD.

Part # SM8Z
Description  Automotive Protection Surface Mount Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SM8Z Datasheet(HTML) 3 Page - Anova Technologies CO., LTD.

  SM8Z Datasheet HTML 1Page - Anova Technologies CO., LTD. SM8Z Datasheet HTML 2Page - Anova Technologies CO., LTD. SM8Z Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SM8Z Series
www.anova-semi.com
Revision: E
May-03-2018
P. 3
Min (V) Max (V)
IT (mA)
SM8Z10A
11.1
12.3
5.0
15
250
10
388
17.0
SM8Z11A
12.2
13.5
5.0
10
150
11
363
18.2
SM8Z12A
13.3
14.7
5.0
10
150
12
332
19.9
SM8Z13A
14.4
15.9
5.0
10
150
13
307
21.5
SM8Z14A
15.6
17.2
5.0
10
150
14
284
23.2
SM8Z15A
16.7
18.5
5.0
10
150
15
270
24.4
SM8Z16A
17.8
19.7
5.0
10
150
16
254
26.0
SM8Z17A
18.9
20.9
5.0
10
150
17
239
27.6
SM8Z18A
20.0
22.1
5.0
10
150
18
226
29.2
SM8Z20A
22.2
24.5
5.0
10
150
20
204
32.4
SM8Z22A
24.4
26.9
5.0
10
150
22
186
35.5
SM8Z24A
26.7
29.5
5.0
10
150
24
170
38.9
SM8Z26A
28.9
31.9
5.0
10
150
26
157
42.1
SM8Z28A
31.1
34.4
5.0
10
150
28
145
45.4
SM8Z30A
33.3
36.8
5.0
10
150
30
136
48.4
SM8Z33A
36.7
40.6
5.0
10
150
33
124
53.3
SM8Z36A
40.0
44.2
5.0
10
150
36
114
58.1
SM8Z40A
44.4
49.1
5.0
10
150
40
102
64.5
SM8Z43A
47.8
52.8
5.0
10
150
43
95.1
69.4
SM8Z48A
53.3
58.9
5.0
10
150
48
85.2
77.4
1.Surge current waveform is defined at 10/1000uS waveform
NOTE:
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM (uA)
Maximum IR
@VRWM
TJ=175
(uA)
Working Peak
Reverse
Voltage VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A) (1)
Maximum
Clamping
Voltage
VC@IPP (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com