Electronic Components Datasheet Search
  English  ▼

X  

PRM034N06E Datasheet(PDF) 6 Page - PFC Device Inc.

Part # PRM034N06E
Description  60V Single N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PRM034N06E Datasheet(HTML) 6 Page - PFC Device Inc.

  PRM034N06E Datasheet HTML 1Page - PFC Device Inc. PRM034N06E Datasheet HTML 2Page - PFC Device Inc. PRM034N06E Datasheet HTML 3Page - PFC Device Inc. PRM034N06E Datasheet HTML 4Page - PFC Device Inc. PRM034N06E Datasheet HTML 5Page - PFC Device Inc. PRM034N06E Datasheet HTML 6Page - PFC Device Inc. PRM034N06E Datasheet HTML 7Page - PFC Device Inc. PRM034N06E Datasheet HTML 8Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Characteristics
Version 4.2
6 / 8
www.pfc-device.com
PRM034N06E
Ratings and Characteristics Curves
( TA = 25℃ unless otherwise specified )
Figure 9: Normalized Thermal Transient
Impedance, Junction-to-Case
Figure 10: Maximum Safe Operation Area



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com