Electronic Components Datasheet Search
  English  ▼

X  

PRM034N06E Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PRM034N06E
Description  60V Single N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PRM034N06E Datasheet(HTML) 1 Page - PFC Device Inc.

  PRM034N06E Datasheet HTML 1Page - PFC Device Inc. PRM034N06E Datasheet HTML 2Page - PFC Device Inc. PRM034N06E Datasheet HTML 3Page - PFC Device Inc. PRM034N06E Datasheet HTML 4Page - PFC Device Inc. PRM034N06E Datasheet HTML 5Page - PFC Device Inc. PRM034N06E Datasheet HTML 6Page - PFC Device Inc. PRM034N06E Datasheet HTML 7Page - PFC Device Inc. PRM034N06E Datasheet HTML 8Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
60V Single N-Channel MOSFET
Jul-2016
Version 4.2
1 / 8
PFC Device Corporation
PRM034N06E
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
VDS
60
V
ID (TC=25℃)
22
A
Max. RDS(ON)
34
m
TJ Operating Junction
Temperature
-55 to +150
oC
General Description
The N-Channel enhancement mode power
field effect transistor is using trench DMOS
technology. This advanced technology has
been especially tailored to minimize
on-state resistance, provide superior
switching performance, and withstand high
energy pulse in the avalanche and
commutation mode. The device is well
suited for high efficiency fast switching
applications.
Typical Applications
 Charger Adapter
 Power Tools
 LED Lighting
Features
 Max. RDS(ON) =34mΩ@VGS = 10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
PRM034N06E
TO-251
G
D
S


Similar Part No. - PRM034N06E

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PRM034N06D PFC-PRM034N06D Datasheet
855Kb / 8P
60V Single N-Channel MOSFET
More results

Similar Description - PRM034N06E

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PRM5R2N06S8 PFC-PRM5R2N06S8 Datasheet
802Kb / 8P
60V Single N-Channel MOSFET
PRM5R6N06N5 PFC-PRM5R6N06N5 Datasheet
811Kb / 7P
60V Single N-Channel MOSFET
PRM8R5N06D PFC-PRM8R5N06D Datasheet
864Kb / 8P
60V Single N-Channel MOSFET
PRM9R0N06N5 PFC-PRM9R0N06N5 Datasheet
874Kb / 8P
60V Single N-Channel MOSFET
PRM9R0N06S8 PFC-PRM9R0N06S8 Datasheet
806Kb / 8P
60V Single N-Channel MOSFET
PRM012N06E PFC-PRM012N06E Datasheet
849Kb / 8P
60V Single N-Channel MOSFET
PRM017N06D PFC-PRM017N06D Datasheet
857Kb / 8P
60V Single N-Channel MOSFET
PRM017N06S8 PFC-PRM017N06S8 Datasheet
797Kb / 8P
60V Single N-Channel MOSFET
PRM020N06D PFC-PRM020N06D Datasheet
859Kb / 8P
60V Single N-Channel MOSFET
PRM021N06S8 PFC-PRM021N06S8 Datasheet
810Kb / 8P
60V Single N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com