Electronic Components Datasheet Search
  English  ▼

X  

ADS5553IPFPG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5553IPFPG4
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFPG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5553IPFPG4 Datasheet HTML 1Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 2Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 3Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 4Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 5Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 6Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 7Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 8Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS
Typ, min, and max values at TA = 25°C, full temperature range is TMIN = −40°C to TMAX = 85°C, sampling rate = 65 MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3 V, −1-dBFS differential input, 3-VPP differential clock, and internal reference, unless otherwise noted
PARAMETER
UNIT
MAX
TYP
MIN
CONDITIONS
fIN = 10 MHz
93
fIN = 46 MHz
93
f
70 MHz
Room temp
80
86
Second-harmonic, HD2
fIN = 70 MHz
Full temp range
78
85
dBc
Second harmonic, HD2
fIN = 100 MHz
86
dBc
fIN = 150 MHz
82
fIN = 225 MHz
79
fIN = 10 MHz
85
fIN = 46 MHz
84
f
70 MHz
Room temp
80
84
Third-harmonic, HD3
fIN = 70 MHz
Full temp range
78
83
dBc
Third harmonic, HD3
fIN = 100 MHz
83
dBc
fIN = 150 MHz
81
fIN = 225 MHz
75
Worst-harmonic/spur
fIN = 10 MHz
Room temp
86
dBc
Worst harmonic/spur
(other than HD2 and HD3)
fIN = 70 MHz
Room temp
85
dBc
fIN = 10 MHz
74
fIN = 46 MHz
73.5
f
70 MHz
25°C to 85°C
71.8
73.4
Signal-to-noise + distortion, SINAD
fIN = 70 MHz
Full temp range
71
73
dBFS
Signal to noise + distortion, SINAD
fIN = 100 MHz
73
dBFS
fIN = 150 MHz
71.8
fIN = 225 MHz
69.5
fIN = 10 MHz
83
fIN = 46 MHz
82
f
70 MHz
Room temp
82
Total harmonic distortion, THD
fIN = 70 MHz
Full temp range
82
dBc
Total harmonic distortion, THD
fIN = 100 MHz
81
dBc
fIN = 150 MHz
81
fIN = 225 MHz
74
Effective number of bits, ENOB
fIN = 70 MHz
11.9
Bits
f = 10.1 MHz, 15.1 MHz
(−7dBFS each tone)
94
Two-tone intermodulation distortion, IMD3
f = 48 MHz, 53 MHz
(−7 dBFS each tone)
84
dBc
f = 147 MHz, 152 MHz
(−7 dBFS each tone)
75
Crosstalk
fIN = 70 MHz(4)
−100
−95
dBc
(4) Inject one tone at −1 dBFS on one channel and measure the ampltitude on the other channel, then repeat for the other channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com