Electronic Components Datasheet Search
  English  ▼

X  

ADS5553IPFPG4 Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS5553IPFPG4
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFPG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5553IPFPG4 Datasheet HTML 14Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 15Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 16Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 17Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 18Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 19Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 20Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 21Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
18
requiring dc coupling of the input. Flexible in their
configurations (see Figure 31), such amplifiers can be
used for single-ended-to-differential conversion, signal
amplification.
Table 1. Recommended Amplifiers to Drive the Input of the ADS5553
INPUT SIGNAL FREQUENCY
RECOMMENDED AMPLIFIER
TYPE OF AMPLIFIER
USE WITH TRANSFORMER?
DC to 20 MHz
THS4503/6
Differential In/Out Amp
No
DC to 50 MHz
OPA847
Operational Amp
Yes
OPA695
Operational Amp
Yes
10 MHz to 120 MHz
THS3201
Operational Amp
Yes
THS3202
Operational Amp
Yes
Over 100 MHz
THS9001
RF Gain Block
Yes
RT
100 Ω
+
−
OPA695
AINM
AINP
5 V
CM
R1
400 Ω
0.1 mF
ADS5553
CIN
RIN
0.1 µF
1:1
−5 V
R2
57.5 Ω
VIN
AV = 8V/V
(18 dB)
RS
100 Ω
1000 pF
10 Ω
RIN
Figure 30. Converting a Single-Ended Input Signal to a Differential Signal Using an RF Transformer
VOCM
INM
3.3 V
5 V
10 µF
0.1 µF
THS4503
RT
RS
ADS5553
14-Bit/65 MSPS
RG
RF
RIN
RIN
1 µF
10 µF
0.1 µF
−5 V
RG
RF
10 Ω
0.1 µF
INP
CM
Figure 31. Using the THS4503 With the ADS5553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com