Electronic Components Datasheet Search
  English  ▼

X  

ATR4255 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATR4255
Description  AM/FM RECEIVER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATR4255 Datasheet HTML 10Page - ATMEL Corporation ATR4255 Datasheet HTML 11Page - ATMEL Corporation ATR4255 Datasheet HTML 12Page - ATMEL Corporation ATR4255 Datasheet HTML 13Page - ATMEL Corporation ATR4255 Datasheet HTML 14Page - ATMEL Corporation ATR4255 Datasheet HTML 15Page - ATMEL Corporation ATR4255 Datasheet HTML 16Page - ATMEL Corporation ATR4255 Datasheet HTML 17Page - ATMEL Corporation ATR4255 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
ATR4255
4837A–AUDR–10/04
Deviation Sensor
The deviation sensor is active in AM and FM/WB mode and measures the modulation of
the signal. It is implemented as a peak detector of the lowpass-filtered MPX signal (see
Figure 7). The output voltage at pin 31 is proportional to the frequency deviation in
FM/WB or the modulation depth in AM respectively.
Figure 7. Deviation Sensor
Table 23. Search Stop Detector Measurement Time
Time Window for Stop Signal
Bit 78
Bit 77
Bit 76
Bit 75
Bit 74
Bit 73
1
× 3.1969 ms
0
0
0
0
0
1
.....
63
× 3.1969 ms
1
1
1
1
1
1
Table 24. Search Stop Window
Search Stop Window
Bit 87
Bit 86
Bit 85
±0.5 kHz
0
0
0
±1.1 kHz
0
0
1
±2.3 kHz
0
1
0
±4.8 kHz
0
1
1
±10 kHz
1
0
0
±20 kHz
1
0
1
±40 kHz
1
1
0
±80 kHz
1
1
1
Table 25. Signals Available at Digital Output Pin 21
Bit 88
Bit 92
INT (Pin 21)
00 (AM)
1
0
1 (FM/WB)
NOT MPINT
10 (AM)
NOT STOP
1
1 (FM/WB)
NOT (STOP AND NOT MPINT)
MPX
Pin 31
4k
25k
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com