Electronic Components Datasheet Search
  English  ▼

X  

MSM7652 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7652
Description  NTSC/PAL Digital Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7652 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7652 Datasheet HTML 2Page - OKI electronic componets MSM7652 Datasheet HTML 3Page - OKI electronic componets MSM7652 Datasheet HTML 4Page - OKI electronic componets MSM7652 Datasheet HTML 5Page - OKI electronic componets MSM7652 Datasheet HTML 6Page - OKI electronic componets MSM7652 Datasheet HTML 7Page - OKI electronic componets MSM7652 Datasheet HTML 8Page - OKI electronic componets MSM7652 Datasheet HTML 9Page - OKI electronic componets MSM7652 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
MSM7652
¡ Semiconductor
6
PIN DESCRIPTIONS (2/2)
47
I
FS
DAC full scale adjustment pin.
48
I
COMP
DAC phase complement pin.
49
AGND
Analog GND
50
O
CA
Analog color chrominance signal output pin or component B-Y signal
output pin.
51
AVDD
3.3 V analog power supply
52
O
CVBSO
Analog composite signal output pin or component R-Y signal output pin.
53
AGND
Analog GND
54
O
YA
Analog luminance signal output pin or component Y signal output pin.
55
AVDD
3.3 V analog power supply
56
DGND
Digital GND
43
DGND
Digital GND
44
I
TEST1
Input pin1 for testing. Normally fixed to "0". (See Page 32 for details)
Pulled down
45
I
TENB
Input pin2 for testing. Normally fixed to "0".
Pulled down
46
I/O
VREF
Reference voltage for DAC
42
DVDD
3.3 V digital power supply
41
I
SEL2
Interface select pin. ITU656 : "0", YCbCr 27 MHz : "1" (See Page 32 for details)
Pulled down
Pin
I/O
Symbol
Description
40
I
SEL1
Enable pin. Normally fixed to "0". Sleep mode "1" with TEST1 = "0"
(See Page 32 for details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com