Electronic Components Datasheet Search
  English  ▼

X  

MSM7652 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM7652
Description  NTSC/PAL Digital Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7652 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM7652 Datasheet HTML 7Page - OKI electronic componets MSM7652 Datasheet HTML 8Page - OKI electronic componets MSM7652 Datasheet HTML 9Page - OKI electronic componets MSM7652 Datasheet HTML 10Page - OKI electronic componets MSM7652 Datasheet HTML 11Page - OKI electronic componets MSM7652 Datasheet HTML 12Page - OKI electronic componets MSM7652 Datasheet HTML 13Page - OKI electronic componets MSM7652 Datasheet HTML 14Page - OKI electronic componets MSM7652 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
¡ Semiconductor
MSM7652
11
• Black & Blank Pedestal
This block adds sync signals at the luminance side to luminance signals.
• Interpolator + LPF
This block executes data interpolation and the elimination of high frequency components by
LPF for input chrominance signals.
•I2C Control Logic
This is the serial interface block based on I2C standard of Phillips Corporation.
Internal registers MR and CR can be set from the master side.
When writing to the internal registers other than MR [1] (black level control) and CR [1:0]
(overlay level), written contents are immediately set to them. It is during the vertical blanking
period that written contents are set to MR [1] and CR [1:0].
• Sync Generator & Timing Controller
This block generates sync signals and control signals.
This block operates in slave mode, which performs external synchronization, and in master
mode, which internally generates sync signals.
• Color Burst Generator
Outputs U and V components of amplitude of burst signals.
• Subcarrier Generator
Executes color subcarrier generation.
• Interpolation Filter (IPF)
This block performs upsampling at CLKX2 for luminance signals and chrominance signals
modulated with CLKX1 divided from CLKX2. Interpolation processing is executed in this
process.
• Closed Caption Block
This block generates the signal for closed caption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com