Electronic Components Datasheet Search
  English  ▼

X  

LM3310 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3310
Description  Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3310 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3310 Datasheet HTML 1Page - National Semiconductor (TI) LM3310 Datasheet HTML 2Page - National Semiconductor (TI) LM3310 Datasheet HTML 3Page - National Semiconductor (TI) LM3310 Datasheet HTML 4Page - National Semiconductor (TI) LM3310 Datasheet HTML 5Page - National Semiconductor (TI) LM3310 Datasheet HTML 6Page - National Semiconductor (TI) LM3310 Datasheet HTML 7Page - National Semiconductor (TI) LM3310 Datasheet HTML 8Page - National Semiconductor (TI) LM3310 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM3310
Step-up PWM DC/DC Converter with Integrated Op-Amp
and Gate Pulse Modulation Switch
General Description
The LM3310 is a step-up DC/DC converter integrated with
an Operational Amplifier and a gate pulse modulation switch.
The boost (step-up) converter is used to generate an adjust-
able output voltage and features a low R
DSON internal switch
for maximum efficiency. The operating frequency is select-
able between 660kHz and 1.28MHz allowing for the use of
small external components. An external soft-start pin en-
ables the user to tailor the soft-start time to a specific appli-
cation and limit the inrush current. The Op-Amp is capable of
sourcing/sinking 135mA of current (typical). The gate pulse
modulation switch can operate with a VGH voltage of 5V to
30V. The LM3310 is available in a low profile 24-lead LLP
package.
Features
n
Boost converter with a 2A, 0.18
Ω switch
n
Boost output voltage adjustable up to 20V
n
Operating voltage range of 2.5V to 7V
n
660kHz/1.28MHz pin selectable switching frequency
n
Adjustable soft-start function
n
Input undervoltage protection
n
Over temperature protection
n
Integrated Op-Amp
n
Integrated gate pulse modulation (GPM) switch
n
24-Lead LLP package
Applications
n
TFT Bias Supplies
n
Portable Applications
Typical Application Circuit
20133331
August 2005
© 2005 National Semiconductor Corporation
DS201333
www.national.com


Similar Part No. - LM3310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3310 NSC-LM3310 Datasheet
1Mb / 26P
Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
logo
Texas Instruments
LM3310 TI-LM3310 Datasheet
1Mb / 33P
Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
logo
National Semiconductor ...
LM3310SQ NSC-LM3310SQ Datasheet
1Mb / 26P
Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
logo
Texas Instruments
LM3310SQ/NOPB TI-LM3310SQ/NOPB Datasheet
1Mb / 33P
Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
logo
National Semiconductor ...
LM3310SQX NSC-LM3310SQX Datasheet
1Mb / 26P
Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
More results

Similar Description - LM3310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
Step-up PWM DC/DC Converter Integrated with 5 Buffers
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
Step-up PWM DC/DC Converter Integrated with 4 Buffers
LM3311 NSC-LM3311 Datasheet
2Mb / 29P
Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
National Semiconductor ...
LM3310 NSC-LM3310_07 Datasheet
1Mb / 26P
Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3311 NSC-LM3311_07 Datasheet
2Mb / 32P
Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
logo
Eutech Microelectronics...
EUP2644 EUTECH-EUP2644 Datasheet
105Kb / 1P
TFT LCD DC-DC Converter with Integrated LDO, OP-AMP and GPM Switch
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
logo
Texas Instruments
LM3310 TI-LM3310_15 Datasheet
1Mb / 33P
Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com