Electronic Components Datasheet Search
  English  ▼

X  

LM3310 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3310
Description  Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3310 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3310 Datasheet HTML 10Page - National Semiconductor (TI) LM3310 Datasheet HTML 11Page - National Semiconductor (TI) LM3310 Datasheet HTML 12Page - National Semiconductor (TI) LM3310 Datasheet HTML 13Page - National Semiconductor (TI) LM3310 Datasheet HTML 14Page - National Semiconductor (TI) LM3310 Datasheet HTML 15Page - National Semiconductor (TI) LM3310 Datasheet HTML 16Page - National Semiconductor (TI) LM3310 Datasheet HTML 17Page - National Semiconductor (TI) LM3310 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Operation
CONTINUOUS CONDUCTION MODE
The LM3310 contains a current-mode, PWM boost regulator.
A boost regulator steps the input voltage up to a higher
output voltage. In continuous conduction mode (when the
inductor current never reaches zero at steady state), the
boost regulator operates in two cycles.
In the first cycle of operation, shown in Figure 1 (a), the
transistor is closed and the diode is reverse biased. Energy
is collected in the inductor and the load current is supplied by
C
OUT.
The second cycle is shown in Figure 1 (b). During this cycle,
the transistor is open and the diode is forward biased. The
energy stored in the inductor is transferred to the load and
output capacitor.
The ratio of these two cycles determines the output voltage.
The output voltage is defined approximately as:
where D is the duty cycle of the switch, D and D' will be
required for design calculations.
SETTING THE OUTPUT VOLTAGE (BOOST
CONVERTER)
The output voltage is set using the feedback pin and a
resistor divider connected to the output as shown in the
typical operating circuit. The feedback pin voltage is 1.263V,
so the ratio of the feedback resistors sets the output voltage
according to the following equation:
SOFT-START CAPACITOR
The LM3310 has a soft-start pin that can be used to limit the
inductor inrush current on start-up. The external SS pin is
used to tailor the soft-start for a specific application but is not
required for all applications and can be left open when not
needed. When used a current source charges the external
soft-start capacitor C
SS until it reaches its typical clamp
voltage, V
SS. The soft-start time can be estimated as:
T
SS =CSS*VSS/ISS
THERMAL SHUTDOWN
The LM3310 includes thermal shutdown. If the die tempera-
ture reaches 145˚C the device will shut down until it cools to
a safe temperature at which point the device will resume
operation. If the adverse condition that is heating the device
is not removed (ambient temperature too high, short circuit
conditions, etc...) the device will continue to cycle on and off
to keep the die temperature below 145˚C. The thermal shut-
down has approximately 20˚C of hysteresis. When in ther-
mal shutdown the boost regulator, Op-Amp, and GPM blocks
will all be disabled.
INPUT UNDER-VOLTAGE PROTECTION
The LM3310 includes input under-voltage protection (UVP).
The purpose of the UVP is to protect the device both during
start-up and during normal operation from trying to operate
with insufficient input voltage. During start-up using a ramp-
ing input voltage the UVP circuitry ensures that the device
20133302
FIGURE 1. Simplified Boost Converter Diagram
(a) First Cycle of Operation (b) Second Cycle Of Operation
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com