Electronic Components Datasheet Search
  English  ▼

X  

SEV40 Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SEV40
Description  High Voltage DC Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SEV40 Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SEV40 Datasheet HTML 1Page - Sanyou Corporation Limited SEV40 Datasheet HTML 2Page - Sanyou Corporation Limited SEV40 Datasheet HTML 3Page - Sanyou Corporation Limited SEV40 Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
SEV40
Version:V3.1
12
48
16
12
64
48
≤9
≤36
≥1.0
≥4.0
48
768
3
3
3
3
40A
1000MΩ(500VDC)
≤10mΩ(@6V 20A)
3000VAC 1min 10mA
4000VAC 1min 10mA
12VDC 1A
750VDC
≤30ms
≤10ms
2
196m/s (20G)
2
490m/s (50G)
2
10Hz~500Hz 49m/s (5G)
4
2 10
×
cycles
(40A,450VDC)
4
1 10
×
cycles
( 40A,450VDC)
-
3
1 10
×
cycles
( 40A,750VDC)
-
3
1 10
×
cycles
(40A,750VDC)
400A,750VDC,1cycle
30KW
-40℃~85℃
5%~95% RH
Approx.
155g
67×32.6×50.5
40A:continuity
60A:1h
80A:20min
160A:30s
320A:2s
400A:0.6s
24
32
24
≤18
≥2.0
192
3
3
Relays for advanced technology
SANYOURELAYS High Voltage DC Relay
Feature
●40 amps continuous carry,400 amps interrupte under
extreme condition.
●Hermetically sealed with hydrogen gas,the arc is not exposed.
Be
able to use in explosive & harsh environments without
oxidation
contamination
contacts.Contacts' part meet
or
of
IP67 protection degree.
●
-
Not position sensitive can be mounted in any position for
ease of installation.
● o
compliant.
R HS
Contact Data
Parameters Table
Item
Information
Contact arrangement
1 Form A contact
Current rating
Contact resistance
Min.Switching load
Max. Switching voltage
Max. Breaking current
Max. Switching power
Electrical
( 1 )
life
Resistive
load
450V type
750V type
Load current
( 2 )
capacity
NOTES:
(1)Ambient temperature:23℃,L/R≤1ms.
2
(2)Ambient temperature:23℃,10mm
conductor.
(3)Other types of rated voltage,please
contact us.
Item
Information
Mechanical life
5×
cycles
5
10
Insulation resistance
Between
open contacts
Dielectric
strength
Between
contact and coil
Operate time
(at rated coil voltage)
Release time
(at rated coil voltage)
Shock
resistance
Functional
Destructive
Vibration resistance
Ambient temperature
Ambient humidity
Weight
External dimension
(3)
Coil Data
Rated voltage(VDC)
Operation voltage(VDC)
Max. voltage(VDC)
Pick-up voltage(VDC)
Drop-out voltage(VDC)
Coil resistance(±10%)(Ω)
Operating power
(inrush,W)
Operating power
(stable,W)


Similar Part No. - SEV40

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
SEV RUBYCON-SEV Datasheet
56Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Schurter Inc.
SEV-G2-500V SCHURTER-SEV-G2-500V Datasheet
271Kb / 3P
NH-Sicherung, SEV G2
SEV-G2500V SCHURTER-SEV-G2500V Datasheet
301Kb / 4P
NH-Sicherung, SEV G2
SEV-G2500V SCHURTER-SEV-G2500V Datasheet
283Kb / 3P
Fuse link, SEV G2 500V (gG)
04.01.2022
SEV-G2500V SCHURTER-SEV-G2500V_V01 Datasheet
283Kb / 3P
Fuse link, SEV G2 500V (gG)
04.01.2022
More results

Similar Description - SEV40

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SEC100 SANYOU-SEC100 Datasheet
658Kb / 3P
High Voltage DC Relay
SEC150 SANYOU-SEC150 Datasheet
608Kb / 3P
High Voltage DC Relay
SEC250 SANYOU-SEC250 Datasheet
720Kb / 4P
High Voltage DC Relay
SEC350 SANYOU-SEC350 Datasheet
735Kb / 4P
High Voltage DC Relay
SEP150 SANYOU-SEP150 Datasheet
656Kb / 3P
High Voltage DC Relay
SEP250 SANYOU-SEP250 Datasheet
773Kb / 4P
High Voltage DC Relay
SEP350 SANYOU-SEP350 Datasheet
753Kb / 4P
High Voltage DC Relay
SEV60 SANYOU-SEV60 Datasheet
487Kb / 3P
High Voltage DC Relay
SEV150 SANYOU-SEV150 Datasheet
155Kb / 4P
High Voltage DC Relay
SEV300 SANYOU-SEV300 Datasheet
609Kb / 5P
High Voltage DC Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com