Electronic Components Datasheet Search
  English  ▼

X  

SEV40 Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SEV40
Description  High Voltage DC Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SEV40 Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SEV40 Datasheet HTML 1Page - Sanyou Corporation Limited SEV40 Datasheet HTML 2Page - Sanyou Corporation Limited SEV40 Datasheet HTML 3Page - Sanyou Corporation Limited SEV40 Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SEV40
3/4
Customer Features Label-2(Oval Mounting Hole)
Size
tolerance
Less than 10mm:
±0
.3
10 to 50mm:
±0
.5
More than 50mm:
±0
.8
Coil Connection Type
C:Outgoing Line+Connector(Accessories)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com