Electronic Components Datasheet Search
  English  ▼

X  

SC1621 Datasheet(PDF) 5 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # SC1621
Description  LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

SC1621 Datasheet(HTML) 5 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  SC1621 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 4Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 5Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SC1621
LCD 驱动电路
SC1621 Commanded Formant
The SC1621 can be configured by the S/W setting. There
are two mode commands to configure the SC1621 resources
and to transfer the LCD display data. The configuration mode
of the SC1621 is called command mode, and its command
mode ID is 1 0 0. The command mode consists of a system
configuration command, a system frequency selection
command, a LCD configuration command, a tone frequency
selection command, a timer/WDT setting command, and an
operating command. The data mode, on the other hand,
includes READ, WRITE, and READ-MODIFY-WRITE
operati
ons.
The
followi
ng are
the data mode IDs and the command mode ID:
Operation
Mode
ID
Data
READ
110
Data
WRITE
101
Data
READ-MODIFY-WRITE
101
COMMAND
Command
100
The mode command should be issued before the data or command is transferred. If successive commands have been issued,
the command mode ID, namely 1 0 0, can be omitted. While the system is operating in the non-successive command or the
non-successive address data mode, the CS- pin should be set to “1” and the previous operation mode will be reset also. Once the
CS- pin returns to “0” a new operation mode ID should be issued first.
森川电子科技有限公司
TEL:
0755-88291843
88304213
E-mail: jja@sc-tech.cn
ADD: 深圳市福田滨河路海滨广场福长阁 16 楼
Http:// www.sc-tech.cn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com