Electronic Components Datasheet Search
  English  ▼

X  

SC1621 Datasheet(PDF) 1 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # SC1621
Description  LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

SC1621 Datasheet(HTML) 1 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  SC1621 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 4Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 5Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SC1621
LCD 驱动电路
SC1621General Description
The SC1621 is a 128 dots (32x4), memory mapping, and multi-function LCD driver. The S/W con-figuration feature of the
SC1621 makes it suitable for multiple LCD applications including LCD modules and display subsystems. Only three or four lines
are required for the interface between the host controller and the SC1621. The SC1621 contains a power down command to
reduce power consumption.
SC1621Features
Operating voltage: 2.4V~5.2V
Software configuration feature
Built-in 256kHz RC oscillator
Data mode and command mode instructions
8 kinds of time base/WDT clock sources
R/W address auto increment
32x4 LCD driver
Three data accessing modes
3-wire serial interface
Power down command reduces power
Consumption
Internal LCD driving frequency source
SC1621Pad Assignment
IC SIZE:2.20mm X 2.15mm
The ic cubstrate should be connecte to VDD in PCB layout artwork
森川电子科技有限公司
TEL:
0755-88291843
88304213
E-mail: jja@sc-tech.cn
ADD: 深圳市福田滨河路海滨广场福长阁 16 楼
Http:// www.sc-tech.cn


Similar Part No. - SC1621

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
SC162-P10 GARDTEC-SC162-P10 Datasheet
25Kb / 1P
Thru-hole Plastic
SC162-W1 GARDTEC-SC162-W1 Datasheet
368Kb / 1P
C1008 Steel
SC162-W10 GARDTEC-SC162-W10 Datasheet
378Kb / 1P
C1008 Steel
SC162-W12 GARDTEC-SC162-W12 Datasheet
388Kb / 1P
C1008 Steel
SC162-W13 GARDTEC-SC162-W13 Datasheet
397Kb / 1P
C1008 Steel
More results

Similar Description - SC1621

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
logo
Texas Instruments
FPD48084 TI1-FPD48084_13 Datasheet
47Kb / 4P
LCD TV TFT-LCD Column Driver
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
LCD TV TFT-LCD Timing Controller
logo
Shenzhen Titan Micro El...
TM1621 TITAN-TM1621 Datasheet
1Mb / 17P
LCD
logo
Shenzhen Putianhe Techn...
TM1727 PTH-TM1727 Datasheet
343Kb / 14P
LCD
logo
Silvan Chip Electronics...
GA1621 SILVAN-GA1621 Datasheet
195Kb / 5P
LCD
logo
Shenzhen TOPWAY Technol...
LM2068EFW-2C TOPWAY-LM2068EFW-2C_V01 Datasheet
1Mb / 13P
LCD
logo
CHUNGHWA PICTURES TUBES...
CLAA170EA07 CPT-CLAA170EA07 Datasheet
308Kb / 21P
LCD
004.08.23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com