Electronic Components Datasheet Search
  English  ▼

X  

SLI Datasheet(PDF) 4 Page - Sanyou Corporation Limited

Part # SLI
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SLI Datasheet(HTML) 4 Page - Sanyou Corporation Limited

  SLI Datasheet HTML 1Page - Sanyou Corporation Limited SLI Datasheet HTML 2Page - Sanyou Corporation Limited SLI Datasheet HTML 3Page - Sanyou Corporation Limited SLI Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
SLI
100
40
30
20
15
10
1
10
100
200
1000
100
30
10
1
010
20
30
40
110
100
90
80
70
60
50
40
0
80
90 100 110 120 130 140 150 160
1a
1(
)
cNO
1b
1(
)
cNC
DC
AC
1a
1(
)
cNO
1b
1(
)
cNC
30A
25A
20A
15A
0A
Typical Applications
●●
●●
Car
Heater and ventilation equipment
Air conditioner
Home appliances
Characteristic Curves
Percentage of Nominal Coil Voltage
Coil Temp Rise
.
Max Switching Power
.
Contact Voltage V
()
Contact Current A
()
Endurance Curve
Note If you choose the sealed type before using please remove the convex platform at the top of the case to ensure the
:,
,
.
normal performance of the relay after the completion of a PCB operations they are as shown in the following diagram:
with convex platform
convex platform
convex platform
without convex platform
SLI
SLI K
-
,
Sanyou Corporation Limited All rights of Sanyou to reserved
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the user should
in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning,
However it is the user's responsibility to determine which product should be used only.
please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com