Electronic Components Datasheet Search
  English  ▼

X  

SLI Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SLI
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SLI Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SLI Datasheet HTML 1Page - Sanyou Corporation Limited SLI Datasheet HTML 2Page - Sanyou Corporation Limited SLI Datasheet HTML 3Page - Sanyou Corporation Limited SLI Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
SLI-Series
UL
C UL File No
E
, -
.: 190598
TUV File No.:
CQC File No
CQC
.:
02001002109
VDE File No.: 40036707
SLI DM
-
30
250
A
VAC
30A
250VAC
7,500VA
SLI D
-
20 /10
250
A
A
VAC
20A
250VAC
5 000
,
VA
SLI DB
-
15
250
A
VAC
20A
250VAC
5,000VA
Nominal
operating
current
10% (
)
mA
Coil
resistance
10% ( Ω)
Max.
allowable
voltage
Pick up
-
voltage
(.)
Max
Drop out
-
voltage
(.)
Min
Nominal
operating
power
Nominal
voltage
()
VDC
50m
.(1
6
)
Max
A VDC
Ω
10
.
.
msec Max (no diode)
100M
.(
500 )
Min DC
V
Ω
AC
V
Hz
1,500 ,50/60
1.
min
AC
V
Hz
2,500 ,50/60
1
.(
4
)
min AC KV available
Silver alloy
Between open contacts:
Between coil and contact:
-40℃~+105℃ (
)
no condensation
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(
10,800
./ )
at
ops h
(
360
./ )
at
ops h
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
10
.
G Min
100
.
G Min
10,000,000 cycles(at room temperature)
100,000 cycles
Contact material
Initial contact resistance at VDC A
(6
1 )
Operate time at nominal volt
(.)
Release time at nominal volt
(.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
()
operations
Ambient temperature
Unit weight
Model
Nominal switching capacity res load
(.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
Contact Capacity
Characteristic Data
Coil Data
t
(20℃)
a
15
.
.
)
msec Max (no diode
5
6
9
12
15
18
24
48
110
180.00
150.00
100.00
75.00
60.00
50.00
37.50
18.75
8.21
27
40
90
160
250
360
640
2,560
13,400
110 % of
nominal
voltage
75 % of
nominal
voltage
5%of
nominal
voltage
0.90W
Features
Safety Approval
●
●
●
:30 .
Miniature relay with high switching capability
A
:,
1
.
Contact form
Form A Form B or Form C
.
Sealed type available
SANYOU RELAYS
Relays for advanced technology
Miniature High
Power Relay
version V
: 3.5
R50143450
Approx
g
.28.0
●
●
Satisfy IEC
product is available
60335-1
.
Satisfy IEC
product is available
60079-15
.
●
4000
6000
Special type of
VAC dielectric strength and
V surge
(1.2/50
voltage
S
between coil and contact available
).
u
(at room temperature)


Similar Part No. - SLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLI ETC2-SLI Datasheet
506Kb / 7P
Media Isolated Microfluidic Flow Meter
logo
Ningbo songle relay co....
SLI SONGLERELAY-SLI Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
List of Unclassifed Man...
SLI-0430 ETC2-SLI-0430 Datasheet
506Kb / 7P
Media Isolated Microfluidic Flow Meter
SLI-1000 ETC2-SLI-1000 Datasheet
506Kb / 7P
Media Isolated Microfluidic Flow Meter
logo
Ningbo songle relay co....
SLI-12VDC-SL-A SONGLERELAY-SLI-12VDC-SL-A Datasheet
3Mb / 2P
Miniature volume, PCB usage
More results

Similar Description - SLI

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF68F HONGFA-HF68F Datasheet
63Kb / 3P
MINIATURE HIGH POWER RELAY
HF102F HONGFA-HF102F Datasheet
66Kb / 3P
MINIATURE HIGH POWER RELAY
HF105F-4 HONGFA-HF105F-4 Datasheet
77Kb / 4P
MINIATURE HIGH POWER RELAY
HF115F-Q HONGFA-HF115F-Q Datasheet
65Kb / 3P
MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2 Datasheet
80Kb / 4P
MINIATURE HIGH POWER RELAY
HF116F-3 HONGFA-HF116F-3 Datasheet
81Kb / 4P
MINIATURE HIGH POWER RELAY
HF2160 HONGFA-HF2160 Datasheet
135Kb / 4P
MINIATURE HIGH POWER RELAY
HF118FI HONGFA-HF118FI Datasheet
93Kb / 5P
MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1 Datasheet
80Kb / 4P
MINIATURE HIGH POWER RELAY
HF115FK HONGFA-HF115FK Datasheet
64Kb / 3P
MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com