Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SME
Description  Miniature Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SME Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SME Datasheet HTML 1Page - Sanyou Corporation Limited SME Datasheet HTML 2Page - Sanyou Corporation Limited SME Datasheet HTML 3Page - Sanyou Corporation Limited SME Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Nominal operating
current
±10% (mA)
Coil
resistance
±10% (Ω)
Max.
allowable
voltage
Pick
-up
voltage
(Max.)
Drop
-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
1/4
SME
-Series
UL
,C-UL File No.:E179745
VDE File No
.:40009320
CQC File No
.:CQC08001024423,CQC12002082737
1.0 ~ 1.3VA
50Hz 60Hz
6 VAC
12 VAC
24 VAC
48 VAC
220.0
110.0
60.0
30.0
170.0
85.0
45.0
23.0
11.5
46
165
735
SME
-1 pole
15A 250VAC
15A
250VAC
3,750VA
SME
-2 poles
10A 250VAC
10A
250VAC
2,500VA
Contact Capacity
100mΩ Max.(1A 6VDC)
25msec. Max.(no diode)
1000MΩ Min.(DC500V)
AC
1,000V,50/60Hz 1min.
AC
1,500V,50/60Hz 1min.
Silver alloy
Between open contacts
:
Between coil and contact
:
-25℃~+70℃ (no condensation)
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(at 7,200 ops./h)
(at 360 ops./h)
10~55Hz at double amplitude of 1.5 mm
10~55Hz at double amplitude of 1.5 mm
10G Min.
100G Min.
10,000,000(at room temperature)
100,000(at room temperature)
Contact material
Initial contact resistance
(at 6VDC 1A)
Operate time
(at nominal volt.)
Release time
(at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
Charateristic Data
Coil Data (at 20℃)
25msec. Max.(no diode)
Model
Nominal switching capacity
(res. load)
Max
. switching current
Max
. switching voltage
Max
. switching power
110 % of
nominal
voltage
80% of
nominal
voltage
30 % of
nominal
voltage
Features
Safety Approval
●
●
●
●
1 pole and 2 poles types available with switching current 15A
(1 pole) and 10A (2 poles).
PCB terminal
, socket and flange case types available for
different mounting consideration
.
Low coil power consumption with high sensitive
.
Long service endurance
, high reliability.
SANYOU RELAYS
Relays for advanced technology
Miniature
Power Relay
version
:V2.1
Approx
.37.0g
220/240 VAC
200/220 VAC
110/120 VAC
100/110 VAC 11.7/12.9
9.9/10.8
6.2/6.8
4.8/5.3
10/11
8.4/9.2
5.3/5.8
4.2/4.6
3,200
4,430
12,950
14,400
*
*
*
*


Similar Part No. - SME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SME ETC1-SME Datasheet
633Kb / 7P
MINIATURE, GENERAL PURPOSE, SOLVENT PROOF
logo
Winchester Electronics ...
SME WINCHESTER-SME Datasheet
4Mb / 93P
Rack & Panel
logo
Festo Corporation.
SME-1-B FESTO-SME-1-B Datasheet
96Kb / 2P
Proximity sensor
SME-1-LED-24-B FESTO-SME-1-LED-24-B Datasheet
96Kb / 1P
Proximity sensor
SME-1-S-24-B FESTO-SME-1-S-24-B Datasheet
97Kb / 1P
Proximity sensor
More results

Similar Description - SME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com