Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SME
Description  Miniature Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SME Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SME Datasheet HTML 1Page - Sanyou Corporation Limited SME Datasheet HTML 2Page - Sanyou Corporation Limited SME Datasheet HTML 3Page - Sanyou Corporation Limited SME Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SME
3/4
Wiring Diagram
(bottom view)
PCB type
Unless otherwise specified
:
If dimension
<1mm, tolerance: ±0.2mm;
If dimension
1~5mm, tolerance: ±0.3mm;
If dimension
>5mm, tolerance: ±0.4mm.
Note
: 1. Extended terminal dimension is dimension
before soldering
.
2. Tolerance of m
h
:±0.1mm.
ounting
oles
Socket type
Flange case type
1C
without accessory
2C
with diode(D type)
with diode (DC type)
without accessory
with diode(D type)
with diode (DC type)
4.6
6
7.2
4.6
6
7.2
4.6
6
7.2
38
8-Φ2.5
Mounting Holes
(bottom view)
Flange case type
PCB type
Socket type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com