Electronic Components Datasheet Search
  English  ▼

X  

SMF Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SMF
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SMF Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SMF Datasheet HTML 1Page - Sanyou Corporation Limited SMF Datasheet HTML 2Page - Sanyou Corporation Limited SMF Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
SMF- Series
UL C UL File No
E
, -
.: 179745
CQC File No
CQC
.:
13002089403
VDE File No.: 40031353
SMF
Pole NO
-1
16
277
AVA C
20A
277VAC
4,432VA
SMF
Pole NC
-1
16
277
AVA C
20A
277VAC
4,432VA
100
.
mM a x
Ω
10
.
.
msec Max
100
.(
500 )
M
Min DC
V
Ω
Silver alloy
AC
V
Hz
1000 ,50/60
1.
min
Between open contacts:
AC
V
Hz
5000 ,50/60
1.
min
Between coil and contact:
-40℃~+105℃ (
)
no condensation
Functional
Destructive
Destructive
Functional
Mechanical
Electrical
(
10,800
./ )
at
ops h
(
360
./ )
at
ops h
Approx
g
. 15.5
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
10
.
GMin
100
.
GMin
5,000,000cycles
15
.
.
msec Max
Contact material
Initial contact resistance at VDC A
(6
1 )
Operate time at nominal volt
(. )
Release time at nominal volt
(. )
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
()
operations
Ambient temperature
Unit weight
Model
Nominal switching capacity res load
(.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
Contact Capacity
Chara teristic Data
c
Features
Safety Approval
●
●
●
●
●
●
●
●
High contact capability
switching capability
:16
H.
Small
eight only
mm
,
15.7
Vertical or Horizontal quick terminal output
Compliance with IEC
GWIF
GWIT
60335-1
850℃/
775℃
CTI
V
>=250
Ambient temperature range -40℃~105℃
Compliance with RoHS and the requirements for
White Goods
Creepage distance
mm IP OP
V
:10
,
/
5,000
Withstand surge voltage of
KV
10
SANYOU RELAYS
Relays for advanced technology
Miniature
Power Relay
100,000 cycles
version: V2.2
Between contact sets
AC
V
Hz
Min
:
2500 ,50/60
1
●
●
Satisfice IEC
product is available
60335-1
.
Satisfice IEC
product is available
60079-15
.


Similar Part No. - SMF

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMF PACELEADER-SMF Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
SMF GWSEMI-SMF Datasheet
246Kb / 4P
200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jiangsu High diode Semi...
SMF HDSEMI-SMF Datasheet
1Mb / 5P
SOD 123FL Plastic-Encapsulate Diodes
logo
Littelfuse
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Anova Technologies CO.,...
SMF ANOVA-SMF Datasheet
351Kb / 3P
Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com